Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41231 Datasheet(PDF) 13 Page - EPCOS

Part # B41231
Description  Aluminum electrolytic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41231 Datasheet(HTML) 13 Page - EPCOS

Back Button B41231 Datasheet HTML 9Page - EPCOS B41231 Datasheet HTML 10Page - EPCOS B41231 Datasheet HTML 11Page - EPCOS B41231 Datasheet HTML 12Page - EPCOS B41231 Datasheet HTML 13Page - EPCOS B41231 Datasheet HTML 14Page - EPCOS B41231 Datasheet HTML 15Page - EPCOS B41231 Datasheet HTML 16Page - EPCOS B41231 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
13 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
63
4700
22
× 50
4.19
B41231A8478M000
4700
25.4
× 40
4.19
B41231B8478M000
4700
30
× 35
4.10
B41231C8478M000
4700
35
× 30
4.19
B41231D8478M000
5600
25.4
× 45
4.65
B41231A8568M000
5600
30
× 35
4.58
B41231B8568M000
5600
35
× 30
4.70
B41231C8568M000
6800
25.4
× 50
5.20
B41231A8688M000
6800
30
× 40
5.16
B41231B8688M000
6800
35
× 30
5.04
B41231C8688M000
8200
30
× 45
5.62
B41231A8828M000
8200
35
× 35
5.53
B41231B8828M000
10000
30
× 50
6.32
B41231A8109M000
10000
35
× 40
6.25
B41231B8109M000
12000
35
× 45
6.83
B41231A8129M000
80
1200
22
× 25
2.24
B41231A0128M000
1500
22
× 30
2.67
B41231A0158M000
1800
22
× 30
2.92
B41231A0188M000
1800
25.4
× 25
3.01
B41231B0188M000
2200
22
× 35
3.25
B41231A0228M000
2200
25.4
× 30
3.36
B41231B0228M000
2200
30
× 25
3.45
B41231C0228M000
2700
22
× 40
3.79
B41231A0278M000
2700
25.4
× 35
3.94
B41231B0278M000
2700
30
× 30
4.05
B41231C0278M000
3300
22
× 45
4.18
B41231A0338M000
3300
25.4
× 40
4.36
B41231B0338M000
3300
30
× 30
4.27
B41231C0338M000
3900
22
× 50
4.75
B41231A0398M000
3900
25.4
× 45
4.96
B41231B0398M000
3900
30
× 35
4.89
B41231C0398M000
4700
25.4
× 50
5.44
B41231A0478M000
4700
30
× 40
5.39
B41231B0478M000
4700
35
× 30
5.27
B41231C0478M000
5600
30
× 45
5.91
B41231A0568M000
5600
35
× 35
5.81
B41231B0568M000
6800
35
× 40
5.46
B41231A0688M000
8200
35
× 45
6.91
B41231A0828M000
Technical data and ordering codes B41231
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41231_B43231.book Seite 13 Mittwoch, 16. April 2008 2:27 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com