Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43231 Datasheet(PDF) 5 Page - EPCOS

Part # B43231
Description  Aluminum electrolytic capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43231 Datasheet(HTML) 5 Page - EPCOS

  B43231 Datasheet HTML 1Page - EPCOS B43231 Datasheet HTML 2Page - EPCOS B43231 Datasheet HTML 3Page - EPCOS B43231 Datasheet HTML 4Page - EPCOS B43231 Datasheet HTML 5Page - EPCOS B43231 Datasheet HTML 6Page - EPCOS B43231 Datasheet HTML 7Page - EPCOS B43231 Datasheet HTML 8Page - EPCOS B43231 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
5
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types B41231
VR
(V DC)
10
16
25
35
Case dimensions d
× l (mm)
CR (µF)
4700
22
× 30
25.4
× 25
5600
22
× 25
22
× 35
25.4
× 30
6800
22
× 30
25.4
× 25
22
× 40
25.4
× 30
30
× 25
8200
22
× 35
25.4
× 30
22
× 45
25.4
× 35
30
× 30
10000
22
× 25
22
× 40
25.4
× 30
22
× 50
25.4
× 40
30
× 30
12000
22
× 25
22
× 30
25.4
× 25
22
× 45
25.4
× 35
30
× 25
25.4
× 45
30
× 35
35
× 30
15000
22
× 30
25.4
× 25
22
× 35
25.4
× 30
30
× 25
22
× 50
25.4
× 40
30
× 30
30
× 40
35
× 35
18000
22
× 35
25.4
× 25
22
× 40
25.4
× 35
30
× 30
25.4
× 45
30
× 35
30
× 45
35
× 40
22000
22
× 40
25.4
× 30
30
× 25
22
× 50
25.4
× 40
30
× 30
30
× 35
35
× 30
35
× 45
27000
22
× 45
25.4
× 35
30
× 30
25.4
× 45
30
× 35
35
× 25
30
× 45
35
× 35
33000
22
× 50
25.4
× 40
30
× 30
35
× 25
30
× 40
35
× 30
30
× 50
35
× 40
39000
25.4
× 45
30
× 35
35
× 30
30
× 45
35
× 35
35
× 45
47000
25.4
× 50
30
× 40
35
× 30
30
× 50
35
× 40
56000
30
× 45
35
× 35
35
× 45
68000
35
× 40
35
× 50
AEC-C_B41231_B43231.book Seite 5 Mittwoch, 16. April 2008 2:27 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com