Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC60 Datasheet(PDF) 5 Page - Intronics Power, Inc.

Part # AC60
Description  AC-DC Switching Power Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC60 Datasheet(HTML) 5 Page - Intronics Power, Inc.

  AC60 Datasheet HTML 1Page - Intronics Power, Inc. AC60 Datasheet HTML 2Page - Intronics Power, Inc. AC60 Datasheet HTML 3Page - Intronics Power, Inc. AC60 Datasheet HTML 4Page - Intronics Power, Inc. AC60 Datasheet HTML 5Page - Intronics Power, Inc. AC60 Datasheet HTML 6Page - Intronics Power, Inc. AC60 Datasheet HTML 7Page - Intronics Power, Inc. AC60 Datasheet HTML 8Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
1400 PROVIDENCE HIGHWAY • BUILDING 2
NORWOOD, MASSACHUSETTS 02062-5015
AC60 Single
R ev A January 2007
4. Main Features and Functions
4.1 Operating Temperature Range
Intronics AC60 series power modules, which highly efficient
design, has resulted in its ability to operate ambient temperature
environment (0℃ to 50℃). Due to consideration must be given to
the de-rating curves when ascertaining maximum power that can
be drawn from the power module. The maximum power drawn is
influenced by a number of factors, such as:
•
Input voltage range.
•
Output load current.
•
These can be effective heat sinks for the power module.
4.3 Output Protection
The power modules provide a full continuous short-circuit
protection. The unit will auto recover once the short circuit is
removed. To provide protection in a fault condition, the unit is
equipped with internal over-current protection. The unit will
operate normally once the fault condition is removed. The power
module will go to hiccup mode if the output current or voltage is
set from 110% to 150% of rated current or voltage.
5. Safety
CB
Approval
TUV
Approval
UL
Approval
CE
Approval
6. Applications
6.1 Power De-Rating Curve
Page 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com