Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC2VB271CJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEC2VB271CJ
Description  Snap-in Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2VB271CJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEC2VB271CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2VB271CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2VB271CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2VB271CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2VB271CJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aluminum Electrolytic Capacitors/ HB
 EE144 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
200
(A)
(mm)
(V)
(µF)
(pcs)
n
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
470
22
30
1.4
0.15
ECEC2CB471BJ
200
560
22
35
1.5
0.15
ECEC2CB561BJ
200
680
22
40
1.7
0.15
ECEC2CB681BJ
200
25
30
1.7
0.15
ECEC2CB681CJ
200
820
22
45
2.0
0.15
ECEC2CB821BJ
200
25
35
2.0
0.15
ECEC2CB821CJ
200
22
50
2.2
0.15
ECEC2CB102BJ
200
1000
25
40
2.2
0.15
ECEC2CB102CJ
200
30
30
2.2
0.15
ECEC2CB102DJ
200
160
35
25
2.2
0.15
ECEC2CB102EJ
200
25
45
2.3
0.15
ECEC2CB122CJ
200
1200
30
35
2.3
0.15
ECEC2CB122DJ
100
35
30
2.3
0.15
ECEC2CB122EJ
200
1500
30
40
2.5
0.15
ECEC2CB152DJ
100
35
30
2.5
0.15
ECEC2CB152EJ
200
1800
30
45
2.7
0.15
ECEC2CB182DJ
100
35
35
2.7
0.15
ECEC2CB182EJ
100
2200
35
45
2.9
0.15
ECEC2CB222EJ
100
2700
35
50
3.1
0.15
ECEC2CB272EJ
100
560
25
30
1.5
0.15
ECEC2PB561CJ
200
680
22
45
1.7
0.15
ECEC2PB681BJ
200
25
35
1.7
0.15
ECEC2PB681CJ
200
22
50
2.0
0.15
ECEC2PB821BJ
200
820
25
40
2.0
0.15
ECEC2PB821CJ
200
30
30
2.0
0.15
ECEC2PB821DJ
200
180
1000
25
45
2.2
0.15
ECEC2PB102CJ
200
30
35
2.2
0.15
ECEC2PB102DJ
100
25
50
2.3
0.15
ECEC2PB122CJ
200
1200
30
40
2.3
0.15
ECEC2PB122DJ
100
35
30
2.3
0.15
ECEC2PB122EJ
200
1500
30
45
2.5
0.15
ECEC2PB152DJ
100
35
35
2.5
0.15
ECEC2PB152EJ
100
390
22
30
1.3
0.15
ECEC2DB391BJ
200
25
25
1.3
0.15
ECEC2DB391CJ
200
470
22
35
1.4
0.15
ECEC2DB471BJ
200
25
30
1.4
0.15
ECEC2DB471CJ
200
22
40
1.5
0.15
ECEC2DB561BJ
200
560
25
30
1.5
0.15
ECEC2DB561CJ
200
30
25
1.5
0.15
ECEC2DB561DJ
200
680
22
45
1.7
0.15
ECEC2DB681BJ
200
25
35
1.7
0.15
ECEC2DB681CJ
200
820
25
45
2.0
0.15
ECEC2DB821CJ
200
tan
δ
(120Hz)
(+20
°C)
Part No.
PET Sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com