Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2172PCBA-H Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2172PCBA-H
Description  ISM BAND 3.6V, 250MW AMP WITH ANALOG GAIN CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2172PCBA-H Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2172PCBA-H Datasheet HTML 4Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 5Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 6Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 7Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 8Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 9Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 10Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 11Page - RF Micro Devices RF2172PCBA-H Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2-223
RF2172
Rev A9 010823
2
POUT versus VAPC
VCC =3.0 V, Freq =2.45 GHz, PIN =0 dBm
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VAPC (V)
Pout@-40C
Pout@+25C
Pout@+85C
ICC versus VAPC
VCC =3.0 V, Freq =2.45 GHz, PIN =0 dBm
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.00
0.50
1.00
1.50
2.00
2.50
3.00
VAPC (V)
Icc@-40C
Icc@+25C
Icc@+85C
POUT versus PIN over R2
VCC =VAPC = 3.6 V, Freq = 2450 MHz
-10.0
-5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Pout(100)
Pout(200)
Pout(300)
Pout(400)
ICC versus PIN over R2
VCC =VAPC =3.6 V, Freq =2450 MHz
0.00
0.05
0.10
0.15
0.20
0.25
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
PIN (dBm)
Icc(100)
Icc(200)
Icc(300)
Icc(400)
Efficiency versus PIN over R2
VCC =VAPC =3.6 V, Freq =2450 MHz
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
5.0
PIN (dBm)
Eff(100)
Eff(200)
Eff(300)
Eff(400)
IAPC versus VAPC over R2
VCC =3.6 V, PIN = 0 dBm, Freq = 2450 MHz
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.000
0.400
0.800
1.200
1.600
2.000
2.400
2.800
3.200
3.600
VAPC (V)
Iapc(100)
Iapc(200)
Iapc(300)
Iapc(400)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com