Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC2VB331EJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEC2VB331EJ
Description  Snap-in Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2VB331EJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEC2VB331EJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2VB331EJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2VB331EJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2VB331EJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2VB331EJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aluminum Electrolytic Capacitors/ HB
 EE145 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
250
(A)
(mm)
(V)
(µF)
(pcs)
n
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
820
30
30
2.0
0.15
ECEC2DB821DJ
200
35
25
2.0
0.15
ECEC2DB821EJ
200
1000
25
50
2.2
0.15
ECEC2DB102CJ
200
30
35
2.2
0.15
ECEC2DB102DJ
100
35
30
2.2
0.15
ECEC2DB102EJ
200
200
1200
30
40
2.3
0.15
ECEC2DB122DJ
100
35
35
2.3
0.15
ECEC2DB122EJ
100
1500
30
50
2.5
0.15
ECEC2DB152DJ
100
35
40
2.5
0.15
ECEC2DB152EJ
100
1800
35
45
2.7
0.15
ECEC2DB182EJ
100
2200
35
50
2.9
0.15
ECEC2DB222EJ
100
330
25
30
1.2
0.15
ECEC2EB331CJ
200
390
30
25
1.3
0.15
ECEC2EB391DJ
200
470
22
50
1.4
0.15
ECEC2EB471BJ
200
25
40
1.4
0.15
ECEC2EB471CJ
200
30
30
1.4
0.15
ECEC2EB471DJ
200
560
25
45
1.5
0.15
ECEC2EB561CJ
200
35
25
1.5
0.15
ECEC2EB561EJ
200
680
25
50
1.7
0.15
ECEC2EB681CJ
200
30
40
1.7
0.15
ECEC2EB681DJ
100
35
30
1.7
0.15
ECEC2EB681EJ
200
820
30
45
2.0
0.15
ECEC2EB821DJ
100
35
35
2.0
0.15
ECEC2EB821EJ
100
1000
30
50
2.2
0.15
ECEC2EB102DJ
100
35
40
2.2
0.15
ECEC2EB102EJ
100
1200
35
45
2.3
0.15
ECEC2EB122EJ
100
1500
35
50
2.5
0.15
ECEC2EB152EJ
100
180
25
30
0.9
0.15
ECEC2FB181CJ
200
220
25
35
1.0
0.15
ECEC2FB221CJ
200
30
25
1.0
0.15
ECEC2FB221DJ
200
270
22
50
1.1
0.15
ECEC2FB271BJ
200
25
40
1.1
0.15
ECEC2FB271CJ
200
30
30
1.1
0.15
ECEC2FB271DJ
200
330
25
45
1.2
0.15
ECEC2FB331CJ
200
315
30
35
1.2
0.15
ECEC2FB331DJ
100
390
25
50
1.3
0.15
ECEC2FB391CJ
200
30
40
1.3
0.15
ECEC2FB391DJ
100
35
30
1.3
0.15
ECEC2FB391EJ
200
470
30
45
1.4
0.15
ECEC2FB471DJ
100
35
35
1.4
0.15
ECEC2FB471EJ
100
560
30
50
1.5
0.15
ECEC2FB561DJ
100
35
40
1.5
0.15
ECEC2FB561EJ
100
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET Sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com