Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOS2EG102ZX Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECOS2EG102ZX
Description  Snap-in Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2EG102ZX Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECOS2EG102ZX Datasheet HTML 1Page - Panasonic Semiconductor ECOS2EG102ZX Datasheet HTML 2Page - Panasonic Semiconductor ECOS2EG102ZX Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminium Electrolytic Capacitors/EX
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE175 –
250
Endurance : 105
°C 2000 h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
(A)
(mm)
(V)
(µF)
s
(mm)
Condition B (35
°C)
6.3mm
4.0mm
Min.PackagingQ'ty
(Standard Terminals)
Terminal Length
Part No.
Terminal Length
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
(PCS)
1 2 0
22
25
0.75
0.20
ECOS2EG121DK ECEC2EG121DK
200
150
22
30
0.80
0.20
ECOS2EG151EK ECEC2EG151EK
200
180
22
30
0.90
0.20
ECOS2EG181EK ECEC2EG181EK
200
25
25
0.90
0.20
ECOS2EG181JK ECEC2EG181JK
200
220
22
35
1.00
0.20
ECOS2EG221FK ECEC2EG221FK
200
25
30
1.00
0.20
ECOS2EG221KK ECEC2EG221KK
200
270
22
40
1.10
0.20
ECOS2EG271GK ECEC2EG271GK
200
25
30
1.10
0.20
ECOS2EG271KK ECEC2EG271KK
200
30
25
1.10
0.20
ECOS2EG271QK ECEC2EG271QK
100
330
22
45
1.20
0.20
ECOS2EG331GK ECEC2EG331GK
200
25
35
1.20
0.20
ECOS2EG331LK ECEC2EG331LK
200
30
30
1.20
0.20
ECOS2EG331RK ECEC2EG331RK
100
390
22
50
1.30
0.20
ECOS2EG391HK ECEC2EG391HK
200
25
40
1.30
0.20
ECOS2EG391MK ECEC2EG391MK
200
30
30
1.30
0.20
ECOS2EG391RK ECEC2EG391RK
100
35
25
1.30
0.20
ECOS2EG391WK ECEC2EG391WK
100
470
25
45
1.40
0.20
ECOS2EG471MK ECEC2EG471MK
200
30
35
1.40
0.20
ECOS2EG471SK ECEC2EG471SK
200
35
30
1.40
0.20
ECOS2EG471XK ECEC2EG471XK
200
560
25
50
1.50
0.20
ECOS2EG561NK ECEC2EG561NK
200
30
40
1.50
0.20
ECOS2EG561TK ECEC2EG561TK
100
35
30
1.50
0.20
ECOS2EG561XK ECEC2EG561XK
100
680
30
40
1.70
0.20
ECOS2EG681TK ECEC2EG681TK
100
35
35
1.70
0.20
ECOS2EG681VK ECEC2EG681VK
100
820
30
50
2.00
0.20
ECOS2EG821UK ECEC2EG821UK
100
35
40
2.00
0.20
ECOS2EG821YK ECEC2EG821YK
100
1000
35
45
2.20
0.20
ECOS2EG102YK ECEC2EG102YK
100
1200
35
50
2.30
0.20
ECOS2EG122ZK ECEC2EG122ZK
100
D.F.
(120Hz)
(+20
°C)
(WithoutP.V.C.plate)
(Without P.V.C.plate)
Mar. 2005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com