Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2174PCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2174PCBA
Description  3V DCS POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2174PCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2174PCBA Datasheet HTML 4Page - RF Micro Devices RF2174PCBA Datasheet HTML 5Page - RF Micro Devices RF2174PCBA Datasheet HTML 6Page - RF Micro Devices RF2174PCBA Datasheet HTML 7Page - RF Micro Devices RF2174PCBA Datasheet HTML 8Page - RF Micro Devices RF2174PCBA Datasheet HTML 9Page - RF Micro Devices RF2174PCBA Datasheet HTML 10Page - RF Micro Devices RF2174PCBA Datasheet HTML 11Page - RF Micro Devices RF2174PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary
2-240
RF2174
Rev A6 010720
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C5
12 pF
C6
1nF
C19
3.3 uF
1
16
15
14
13
3
4
9
8
7
6
5
12
11
10
2
C14
33 pF
C17
1nF
C24
10 nF
C13
33 pF
J3
VAPC
C15
33 pF
C25
10 nF
VCC
C16
1nF
C23
10 nF
C11
27 pF
VCC
C12
1nF
C20
3.3 uF
+
C21
1nF
J1
RF IN
50
Ωµstrip
50
Ωµstrip
C3
3.6 pF
C26
4.3 pF
C4
1.3 pF
C2
33 pF
50
Ωµstrip
J2
RF OUT
C9
33 pF
C8
1nF
C7
3.3 uF
C1
33 pF
VEN
C22
1nF
C27
1.5 pF
VCC
C10
1pF
Quarter Wave
Length
C18
3.3 uF
+
2174400-
P1
1
2
3
4
5
CON5
VEN
P1-1
GND
P1-3
VCC
P1-4
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com