Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9402 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9402
Description  Sample Development Design Kits for High Speed Cabling and Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9402 Datasheet(HTML) 1 Page - 3M Electronics

  9402 Datasheet HTML 1Page - 3M Electronics 9402 Datasheet HTML 2Page - 3M Electronics 9402 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M and MetPak are trademarks of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MSample Development Design Kits for High Speed
Cabling and Connectors
94XX Series
9401-9404 2 MM SCI Design Kits
SCI Cable Assemblies and Corresponding Boardmount Headers
Purpose
Assist designers in evaluating signal integrity performance of
3M SCI cable assemblies
— Eye Patterns
— Crosstalk (Near end & Far end)
— Attenuation
Support component engineers in technical specification
development
Date Modified: October 1, 2008
TS-2298-B
Sheet 1 of 3
Physical
See TS-2199 and TS-2105
Electrical
See TS-2199 and TS-2105
Signal Data shown in white paper 2 mm High Speed Cable Assembly
Environmental
See TS-2199 and TS-2105


Similar Part No. - 9402

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9402 RHOPOINT-9402 Datasheet
54Kb / 2P
Surface Mount Reed Relays
logo
Belden Inc.
9402 BELDEN-9402 Datasheet
239Kb / 2P
Audio, Control & Instrument, #20-2pr, SR-PVC, Indiv. Foil, PVC Jkt, CMG
logo
Keystone Electronics Co...
9402 KEYSTONE-9402 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Pepperl+Fuchs Inc.
9402 PF-9402 Datasheet
54Kb / 1P
Couplings
30.01.1998
logo
Knowles Electronics
9402-0 KNOWLES-9402-0 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - 9402

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DR-TRC105-434-DK MURATA-DR-TRC105-434-DK Datasheet
53Kb / 1P
DR-TRC105 Development Kits
DR-TRC105-450-DK MURATA-DR-TRC105-450-DK Datasheet
53Kb / 1P
DR-TRC105 Development Kits
logo
Texas Instruments
C2000 TI1-C2000_14 Datasheet
1Mb / 4P
Jump start your solar design with development kits for micro, central and string inverters
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
Engineering Development/Design Sample Kits
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
logo
Linx Technologies
EVAL-916-SC-P LINX-EVAL-916-SC-P Datasheet
89Kb / 1P
EVALUATION/DEVELOPMENT KITS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com