Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B113 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # B113
Description  1WATT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

B113 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  B113 Datasheet HTML 1Page - Intronics Power, Inc. B113 Datasheet HTML 2Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FILE NAME: B100 RevB.DOC, REVISION: January 19, 2007 V15
-1-
B100 SERIES
1WATT
DC-DC
CONVERTERS
FEATURE
* Industry Standard SIP and SMD Packages
* Efficiency up to 82%
B100 SERIES
* 1000VDC Isolation
* Low Cost
* Unregulated Outputs
* Low Ripple and Noise
INPUT CURRENT
%
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD FULL LOAD
EFF.
CASE
B101
5 VDC
5 VDC
200 mA
40 mA
250mA
80
Miniature
B102
5 VDC
12 VDC
84 mA
40 mA
252mA
80
Miniature
B103
5 VDC
15 VDC
67 mA
40 mA
250mA
80
Miniature
B108
5 VDC
±12 VDC
42 mA
40 mA
255mA
79
Miniature
B109
5 VDC
±15 VDC
33 mA
40 mA
251mA
79
Miniature
B107
5 VDC
±5 VDC
100 mA
40 mA
267mA
75
Miniature
B111
12 VDC
5 VDC
200 mA
15 mA
103mA
81
Miniature
B112
12 VDC
12 VDC
84 mA
15 mA
102mA
82
Miniature
B113
12 VDC
15 VDC
67 mA
15 mA
102mA
82
Miniature
B118
12 VDC
±12 VDC
42 mA
15 mA
104mA
81
Miniature
B119
12 VDC
±15 VDC
33 mA
15 mA
101mA
82
Miniature
B117
12 VDC
±5 VDC
100 mA
15 mA
107mA
78
Miniature
NOTE :
1. Nominal Input Voltage 5 or 12 VDC


Similar Part No. - B113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B1134 ETC1-B1134 Datasheet
1Mb / 24P
Desoldering Tool
logo
TOKO, Inc
B1134AS-100M TOKO-B1134AS-100M Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
B1134AS-101M TOKO-B1134AS-101M Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
B1134AS-150M TOKO-B1134AS-150M Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
B1134AS-1R0N TOKO-B1134AS-1R0N Datasheet
92Kb / 2P
Fixed Inductors for Surface Mounting
More results

Similar Description - B113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM0100 ETC1-UM0100 Datasheet
96Kb / 2P
1Watt DC-DC Converters
logo
Total Power Internation...
MBU100 TOTAL-POWER-MBU100 Datasheet
138Kb / 4P
MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
logo
CET Technology, LLC
CT-13DS4 CETTECHNOLOGY-CT-13DS4 Datasheet
288Kb / 2P
1000Vdc Isolation Single & Dual Output 1watt Dc-Dc Converter
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ_16 Datasheet
163Kb / 3P
1Watt | AC-DC Converter
logo
CINCON ELECTRONICS Corp...
EC1SAN CINCON-EC1SAN Datasheet
250Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC1TAN CINCON-EC1TAN Datasheet
173Kb / 2P
1WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com