Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2186 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2186
Description  3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2186 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2186 Datasheet HTML 1Page - RF Micro Devices RF2186 Datasheet HTML 2Page - RF Micro Devices RF2186 Datasheet HTML 3Page - RF Micro Devices RF2186 Datasheet HTML 4Page - RF Micro Devices RF2186 Datasheet HTML 5Page - RF Micro Devices RF2186 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
2-200
RF2186
Rev A2 010515
2
Application Schematic
W-CDMA (1920MHz to 1980MHz)
R2
15 pF
RF IN
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
9
8
7
6
12
11
10
1
16
15
14
13
4
3
2
5
1.8 k
Ω
VREG
VMODE
C1**
C14**
15 pF
RF OUT
L1*
15 nH
15 pF
10 nF
15 pF
C30
10 nF
10 nH
V
CC
1.2 nH
8.2 pF
10 nF
15 pF
15 pF
TL
1
TL
2
TL
3
TL
3
0.022"
TL
2
0.140"
TL
1
0.053"
Transmission Line Length
W-CDMA
C14 (pF)
2.2
L1 (nH)
16
C1 (pF)
4.7
C30 (pF)
8.2
R2 (
Ω)
150
Board
W-CDMA
1
µF
+
1
µF
+
4.7
µF
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com