Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC173 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC173
Description  3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC173 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC173 Datasheet HTML 7Page - Semtech Corporation SC173 Datasheet HTML 8Page - Semtech Corporation SC173 Datasheet HTML 9Page - Semtech Corporation SC173 Datasheet HTML 10Page - Semtech Corporation SC173 Datasheet HTML 11Page - Semtech Corporation SC173 Datasheet HTML 12Page - Semtech Corporation SC173 Datasheet HTML 13Page - Semtech Corporation SC173 Datasheet HTML 14Page - Semtech Corporation SC173 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
© 2010 Semtech Corporation
Applications Information
SC173 Synchronous Buck Converter
The SC173 is a step down synchronous buck dc-dc regu-
lator. The SC173 is capable of 3A operation at very high
efficiency in a tiny 3x3-10 pin package. The program-
mable operating frequency range of 200KHz – 1MHz
enables the user to optimize the solution for minimum
board space and optimum efficiency.
The buck regulator employs pseudo-fixed frequency
adaptive on-time control. This control scheme allows
fast transient response thereby lowering the size of the
power components used in the system.
Input Voltage Range
The SC173 can operate with an input voltage ranging
from 3V to 5.5V.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC173 is pseudo-
fixed frequency, adaptive on-time, as shown in Figure 1.
The ripple voltage generated at the output capacitor ESR
is used as a PWM ramp signal. This ripple is used to trig-
ger the on-time of the controller.
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the out-
put ripple, the device sends a single on-time pulse to the
high-side MOSFET. The pulse period is determined by
V
OUT and VIN; the period is proportional to output voltage
and inversely proportional to input voltage. With this
adaptive on-time arrangement, the device automatically
anticipates the on-time needed to regulate V
OUT for the
present V
IN condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency compared to
other variable frequency methods.
Reduced component count by eliminating
the error amplifier and compensation compo-
nents.
Reduced component count by removing the
need to sense and control inductor current.
Fast transient response — the response time
is controlled by a fast comparator instead of a
typically slow error amplifier.
Reduced output capacitance due to fast tran-
sient response
One-Shot Timer and Operating Frequency
The one-shot timer operates as shown in Figure 2. The
FB Comparator output goes high when V
FB is less than
the internal 750mV reference. This feeds into the gate
drive and turns on the high-side MOSFET, and also starts
the one-shot timer. The one-shot timer uses an internal
comparator, timing capacitor, and a low pass filter (LPF)
which regenerates V
OUT from LX. One comparator input
is connected to the filtered LX voltage, the other input is
connected to the capacitor. When the on-time begins,
the internal capacitor charges from zero volts through a
current which is proportional to V
IN. When the capacitor
voltage reaches V
OUT, the on-time is completed and the
high-side MOSFET turns off.
This method automatically produces an on-time that is
proportional to V
OUT and inversely proportional to VIN.
Under steady-state operation conditions, the switching
frequency can be determined from the on-time by the
following equation.
•
•
•
•
•
Q1
Q2
L
COUT
VIN
ESR
+
VLX
FB
CIN
VOUT
TON
VLX
FB threshold
VFB
Figure 1 — PWM Control Method, V
OUT Ripple
IN
ON
OUT
SW
V
T
V
f
×
=
11
SC173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com