Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEC2DC102DB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECEC2DC102DB
Description  Snap-in Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2DC102DB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECEC2DC102DB Datasheet HTML 1Page - Panasonic Semiconductor ECEC2DC102DB Datasheet HTML 2Page - Panasonic Semiconductor ECEC2DC102DB Datasheet HTML 3Page - Panasonic Semiconductor ECEC2DC102DB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aluminum Electrolytic Capacitors/MC
— EE169 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
450
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
6.3mm
4.0mm
Terminal Length
Terminal Length
Specification
Dia.
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
Min.PackagingQ'ty
(Standard Terminals)
Part No.
Length
68
22
40
0.53
0.15
ECES2WC680BB ECEC2WC680BB
200
25
30
0.53
0.15
ECES2WC680CB ECEC2WC680CB
200
30
25
0.53
0.15
ECES2WC680DB ECEC2WC680DB
100
82
22
45
0.56
0.15
ECES2WC820BB ECEC2WC820BB
200
25
35
0.56
0.15
ECES2WC820CB ECEC2WC820CB
200
30
30
0.56
0.15
ECES2WC820DB ECEC2WC820DB
100
100
22
50
0.61
0.15
ECES2WC101BB ECEC2WC101BB
200
25
40
0.61
0.15
ECES2WC101CB ECEC2WC101CB
200
30
30
0.61
0.15
ECES2WC101DB ECEC2WC101DB
100
120
25
45
0.67
0.15
ECES2WC121CB ECEC2WC121CB
200
30
35
0.67
0.15
ECES2WC121DB ECEC2WC121DB
100
150
25
50
0.75
0.15
ECES2WC151CB ECEC2WC151CB
200
30
40
0.75
0.15
ECES2WC151DB ECEC2WC151DB
100
35
30
0.75
0.15
ECES2WC151EB ECEC2WC151EB
100
180
30
45
0.82
0.15
ECES2WC181DB ECEC2WC181DB
100
35
35
0.82
0.15
ECES2WC181EB ECEC2WC181EB
100
220
30
50
0.92
0.15
ECES2WC221DB ECEC2WC221DB
100
35
40
0.92
0.15
ECES2WC221EB ECEC2WC221EB
100
270
35
45
1.00
0.15
ECES2WC271EB ECEC2WC271EB
100
330
35
50
1.10
0.15
ECES2WC331EB ECEC2WC331EB
100
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35xφ45L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid
using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
(Without P.V.C.plate)
(Without P.V.C.plate)
Mar. 2005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com