Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC183C Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC183C
Description  2.5MHz, 2A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC183C Datasheet(HTML) 3 Page - Semtech Corporation

  SC183C Datasheet HTML 1Page - Semtech Corporation SC183C Datasheet HTML 2Page - Semtech Corporation SC183C Datasheet HTML 3Page - Semtech Corporation SC183C Datasheet HTML 4Page - Semtech Corporation SC183C Datasheet HTML 5Page - Semtech Corporation SC183C Datasheet HTML 6Page - Semtech Corporation SC183C Datasheet HTML 7Page - Semtech Corporation SC183C Datasheet HTML 8Page - Semtech Corporation SC183C Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC183C
www.semtech.com
© 2010 Semtech Corp.
3
Electrical Characteristics
Exceeding the absolute maximum ratings may result in permanent damage to the device and/or device malfunction. Operation outside of the
parameters specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.
Recommended Operating Conditions
Supply Voltage PVIN and AVIN …………………… 2.9 to 5.5V
Maximum Output Current
………………………………… 2.0A
Temperature Range …………………………… -40 to +85˚C
Input Capacitor ………………………………………… 10uF
Output Capacitor ……………………………………… 22uF
Output Inductor ……………………………………… 2.2uH
Thermal Resistance, Junction to Ambient(1) ………… 40 °C/W
Maximum Junction Temperature …………………… +150°C
Storage Temperature Range ………………… -65 to +150 °C
Thermal Information
PVIN and AVIN Supply Voltages ………………… -0.3 to 6.0V
LX Voltage ………….. -1 to PVIN+1V, -3V (20ns Max), 6V Max
VOUT Voltage …………………………… -0.3 to AVIN+0.3V
CTLx Voltage …………………………… -0.3 to AVIN+0.3V
Peak IR Reflow Temperature …………………………. 260°C
ESD Protection Level(2) …………………………………. 2.5kV
Unless specified: PVIN= AVIN= 5.0V, VOUT= 1.50V, C
IN= 10µF, COUT= 22µF, L= 2.2µH, -40°C≤ TJ≤ +125 °C. Unless otherwise noted typical values are
T
A= +25 °C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Under-Voltage Lockout
UVLO
Rising AVIN, PVIN=AVIN
2.70
2.80
2.90
V
Hysteresis
240
300
mV
Output Voltage Tolerance(1)
ΔV
OUT
PVIN= AVIN= 2.9 to 5.5V; I
OUT=0A
-2.0
+2.0
%
Current Limit
I
LIMIT
Peak LX current
2.5
3.0
3.75
A
Supply Current
I
Q
No load
10
mA
Shutdown Current
I
SHDN
CTL
0-3= AGND
1
10
µA
High Side Switch Resistance
R
DSON_P
I
LX= 100mA, TJ= 25 °C
0.10
0.125
Ω
I
LX= 100mA, TJ= 125 °C
0.14
0.18
Low Side Switch Resistance(2)
R
DSON_N
I
LX= -100mA, TJ= 25 °C
0.09
0.115
I
LX= -100mA, TJ= 125 °C
0.125
0.160
L
X Leakage Current
(2)
I
LK(LX)
PVIN= AVIN= 5.5V; LX= 0V; CTL
0-3= AGND
1
10
µA
PVIN= AVIN= 5.5V; LX= 5.0V; CTL
0-3= AGND
-10
-1
Load Regulation
ΔV
LOAD-REG
PVIN= AVIN= 5.0V; I
OUT=1mA to 2A
±0.5
±1.0
%
Oscillator Frequency
f
OSC
2.125
2.500
2.875
MHz
Soft-Start Time(2)
t
SS
I
OUT= 0 to 2A
50
850
980
µs
CTLx Input High Current(2)
I
EN_HI
CTL
0-3=AVIN
-2.0
2.0
µA
CTLx Input Low Current(2)
I
EN_LO
CTL
0-3=AGND
-2.0
2.0
µA
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com