Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOG2GU682C Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOG2GU682C
Description  Screw Terminal Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOG2GU682C Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOG2GU682C Datasheet HTML 1Page - Panasonic Semiconductor ECOG2GU682C Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Aluminium Electrolytic Capacitors/GUE
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE186 –
(mm)
(V)
(µF)
(A)
n
D.F.
(120Hz)
(+20
°C)
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp clamp
3 point
Dia.
Length
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Pitch
Terminal
Part No.
Specification
Case size
Standard Products
Endurance : 85
°C 2000h
1000
36
125
3.36
0.25
13.0
ECOG2VU102M( )
N
F
51
65
3.36
0.25
22.0
ECOG2VU102R( )
N
C
F
1200
51
75
3.69
0.25
22.0
ECOG2VU122L( )
Y
D
P
1500
51
96
4.53
0.25
22.0
ECOG2VU152K( )
Y
D
P
1800
51
96
4.98
0.25
22.0
ECOG2VU182K( )
Y
D
P
2200
51
103
5.91
0.25
22.0
ECOG2VU222K( )
N
C
F
2700
51
125
6.90
0.25
22.0
ECOG2VU272J( )
N
C
F
350
3300
64
103
7.95
0.25
28.6
ECOG2VU332G( )
N
C
F
3900
64
125
9.09
0.25
28.6
ECOG2VU392F( )
N
C
F
4700
64
145
9.55
0.25
28.6
ECOG2VU472E( )
N
C
F
77
96
9.55
0.25
31.8
ECOG2VU472T( )
Y
D
P
5600
77
125
11.49
0.25
31.8
ECOG2VU562D( )
N
C
F
6800
77
145
13.56
0.25
31.8
ECOG2VU682C( )
N
C
F
8200
77
145
14.91
0.25
31.8
ECOG2VU822C( )
N
C
F
10000
90
150
16.83
0.25
31.8
ECOG2VU103A( )
N
F
1000
51
75
3.36
0.25
22.0
ECOG2GU102L( )
Y
D
P
1200
51
96
4.05
0.25
22.0
ECOG2GU122K( )
Y
D
P
1500
51
96
4.53
0.25
22.0
ECOG2GU152K( )
Y
D
P
1800
51
103
5.34
0.25
22.0
ECOG2GU182K( )
N
C
F
2200
51
125
6.21
0.25
22.0
ECOG2GU222J( )
N
C
F
2700
64
103
7.20
0.25
28.6
ECOG2GU272G( )
N
C
F
400
3300
64
125
8.37
0.25
28.6
ECOG2GU332F( )
N
C
F
3900
64
145
8.74
0.25
28.6
ECOG2GU392E( )
N
C
F
77
96
8.74
0.25
31.8
ECOG2GU392T( )
Y
D
P
4700
77
125
10.53
0.25
31.8
ECOG2GU472D( )
N
C
F
5600
77
145
12.30
0.25
31.8
ECOG2GU562C( )
N
C
F
6800
77
145
13.56
0.25
31.8
ECOG2GU682C( )
N
C
F
8200
90
150
15.90
0.25
31.8
ECOG2GU822A( )
N
F
820
51
75
3.06
0.25
22.0
ECOG2WU821L( )
Y
D
P
1000
51
96
3.72
0.25
22.0
ECOG2WU102K( )
Y
D
P
1200
51
96
4.05
0.25
22.0
ECOG2WU122K( )
Y
D
P
1500
51
125
5.13
0.25
22.0
ECOG2WU152J( )
N
C
F
1800
64
96
5.75
0.25
28.6
ECOG2WU182G( )
Y
D
P
2200
64
103
6.60
0.25
28.6
ECOG2WU222G( )
N
C
F
450
2700
64
125
7.56
0.25
28.6
ECOG2WU272F( )
N
C
F
3300
64
145
8.40
0.25
28.6
ECOG2WU332E( )
N
C
F
77
103
8.40
0.25
31.8
ECOG2WU332T( )
N
C
F
3900
77
125
9.57
0.25
31.8
ECOG2WU392D( )
N
C
F
4700
77
145
11.28
0.25
31.8
ECOG2WU472C( )
N
C
F
5600
90
150
13.41
0.25
31.8
ECOG2WU562A( )
N
F
6800
90
150
14.46
0.25
31.8
ECOG2WU682A( )
N
F
Mar. 2005



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com