Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOG2DP273F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECOG2DP273F
Description  Screw Terminal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOG2DP273F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECOG2DP273F Datasheet HTML 1Page - Panasonic Semiconductor ECOG2DP273F Datasheet HTML 2Page - Panasonic Semiconductor ECOG2DP273F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminium Electrolytic Capacitors/GUP
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE188 –
D.F.
(120Hz)
(+20
°C)
160
250
(mm)
(V)
(µF)
(A)
(mm)
(mm)
Terminal
Part No.
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Pitch
n
Standard Products
Yes
No
( ):Mounting Clamp
Endurance : 160 to 250V.W. : 85
°C 2000 h
350 to 450V.W. : 85
°C 5000 h
12000
64
103
15.9
0.25
28.6
ECOG2CP123D( )
N
F
15000
64
125
17.2
0.25
28.6
ECOG2CP153D( )
N
F
18000
64
145
19.4
0.25
28.6
ECOG2CP183D( )
N
F
22000
64
168
21.3
0.25
28.6
ECOG2CP223D( )
N
F
77
125
21.3
0.25
31.8
ECOG2CP223E( )
N
F
27000
64
222
22.4
0.25
28.6
ECOG2CP273D( )
N
F
77
150
22.4
0.25
31.8
ECOG2CP273E( )
N
F
33000
77
168
23.7
0.25
31.8
ECOG2CP333E( )
N
F
90
150
25.0
0.30
31.8
ECOG2CP333F( )
N
F
39000
77
190
25.7
0.25
31.8
ECOG2CP393E( )
N
F
90
168
25.7
0.30
31.8
ECOG2CP393F( )
N
F
47000
77
222
28.2
0.25
31.8
ECOG2CP473E( )
N
F
90
190
28.2
0.30
31.8
ECOG2CP473F( )
N
F
56000
90
222
30.7
0.30
31.8
ECOG2CP563F( )
N
F
10000
64
103
14.7
0.25
28.6
ECOG2DP103D( )
N
F
12000
64
125
15.8
0.25
28.6
ECOG2DP123D( )
N
F
15000
64
145
18.1
0.25
28.6
ECOG2DP153D( )
N
F
18000
64
168
19.8
0.25
28.6
ECOG2DP183D( )
N
F
77
125
19.8
0.25
31.8
ECOG2DP183E( )
N
F
22000
64
222
22.0
0.25
28.6
ECOG2DP223D( )
N
F
200
77
150
22.0
0.25
31.8
ECOG2DP223E( )
N
F
27000
77
168
23.0
0.25
31.8
ECOG2DP273E( )
N
F
90
150
23.0
0.30
31.8
ECOG2DP273F( )
N
F
33000
77
222
25.4
0.25
31.8
ECOG2DP333E( )
N
F
90
168
25.4
0.30
31.8
ECOG2DP333F( )
N
F
39000
90
190
27.6
0.30
31.8
ECOG2DP393F( )
N
F
47000
90
222
30.3
0.30
31.8
ECOG2DP473F( )
N
F
8200
64
125
12.8
0.25
28.6
ECOG2EP822D( )
N
F
10000
64
145
14.7
0.25
28.6
ECOG2EP103D( )
N
F
12000
64
168
16.6
0.25
28.6
ECOG2EP123D( )
N
F
77
125
16.6
0.25
31.8
ECOG2EP123E( )
N
F
15000
64
222
19.0
0.25
28.6
ECOG2EP153D( )
N
F
77
150
19.0
0.25
31.8
ECOG2EP153E( )
N
F
18000
77
190
19.7
0.25
31.8
ECOG2EP183E( )
N
F
90
150
19.7
0.30
31.8
ECOG2EP183F( )
N
F
22000
77
222
21.8
0.25
31.8
ECOG2EP223E( )
N
F
90
168
21.7
0.30
31.8
ECOG2EP223F( )
N
F
27000
90
190
24.0
0.30
31.8
ECOG2EP273F( )
N
F
33000
90
222
26.5
0.30
31.8
ECOG2EP333F( )
N
F
3900
64
103
10.3
0.20
28.6
ECOG2VP392D( )
N
F
350
4700
64
125
12.1
0.20
28.6
ECOG2VP472D( )
N
F
5600
64
145
14.3
0.20
28.6
ECOG2VP562D( )
N
F
Mar. 2005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com