Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC189
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC189 Datasheet HTML 10Page - Semtech Corporation SC189 Datasheet HTML 11Page - Semtech Corporation SC189 Datasheet HTML 12Page - Semtech Corporation SC189 Datasheet HTML 13Page - Semtech Corporation SC189 Datasheet HTML 14Page - Semtech Corporation SC189 Datasheet HTML 15Page - Semtech Corporation SC189 Datasheet HTML 16Page - Semtech Corporation SC189 Datasheet HTML 17Page - Semtech Corporation SC189 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
14
SC189
Pin Descriptions
Pin #
(MPLD-UT6)
Pin #
(SOT23-5)
Pin Name
Pin Function
1
Not Available
NC
No connection.
2
3
EN
Enable pin. When connected to logic high or tied to VIN pin, the SC189 is on. When con-
nected to logic low, the device enters shutdown and consumes less than 1µA of current.
The enable pin has a 1 MΩ internal pulldown resistor. This resistor is switched in circuit
whenever the EN pin is below the enable input high threshold, or when the part is in un-
dervoltage lockout.
3
1
VIN
Input power supplies. Powers the internal circuitry and is connected to the source of high-
side P channel MOSFET.
4
5
LX
Switching node - connect an inductor between this pin and the output capacitor.
5
2
GND
Ground connection.
6
4
VOUT
Output voltage sense pin.
T
Not Available
Thermal Pad
Thermal pad for heatsinking purposes. This pad is not connected internally. Connect it to
GND plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com