Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC185LEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC185LEVB
Description  4A Synchronous Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185LEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC185LEVB Datasheet HTML 8Page - Semtech Corporation SC185LEVB Datasheet HTML 9Page - Semtech Corporation SC185LEVB Datasheet HTML 10Page - Semtech Corporation SC185LEVB Datasheet HTML 11Page - Semtech Corporation SC185LEVB Datasheet HTML 12Page - Semtech Corporation SC185LEVB Datasheet HTML 13Page - Semtech Corporation SC185LEVB Datasheet HTML 14Page - Semtech Corporation SC185LEVB Datasheet HTML 15Page - Semtech Corporation SC185LEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SC185
© 2010 Semtech Corp.
Typical Waveforms (continued)
Transient Response (V
OUT=1.5V, ISTEP=3A)-PSAVE Enabled
Transient Response (V
OUT=3.3V, ISTEP=3A)-PSAVE Enabled
Circuit Conditions: C
IN= 22uF/6.3V, COUT= 2 x 22uF/6.3V, CSS= 10nF. Unless otherwise noted, L= 1.0uH (TOKO: FDV0530S-1R0).
www.semtech.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com