Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2192 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHZ LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2192 Datasheet HTML 1Page - RF Micro Devices RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
2-204
RF2192
Rev A1 010830
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF off)
+8.0
VDC
Supply Voltage (POUT≤31dBm)
+5.2
VDC
Mode Voltage (VMODE)+4.2
VDC
Control Voltage (VREG)+3.0
VDC
Input RF Power
+10
dBm
Operating Case Temperature
-30 to +110
°C
Storage Temperature
-30 to +150
°C
Moisture Sensitivity
Modified JEDEC Level 2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State
(VMODE Low)
Case T= 25°C, VCC=3.4V, VREG=2.85V,
VMODE=0V to 0.5V, Freq=824MHz to
849MHz (unless otherwise specified)
Frequency Range
824
849
MHz
Linear Gain
27
30
dB
Second Harmonic
-33
dBc
Third Harmonic
<-60
dBc
Maximum Linear Output Power
(CDMA Modulation)
29
dBm
Total Linear Efficiency
37
%
POUT=29dBm
Adjacent Channel Power Rejec-
tion
-48
-44
dBc
ACPR @885kHz
-58
-56
dBc
ACPR @1980kHz
Input VSWR
2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Noise Power
-133
dBm/Hz
At 45MHz offset
Low Power State
(VMODE High)
Case T= 25 °C, VCC=3.4V, VREG=2.85V,
VMODE=1.8V to 3V, Freq=824MHz to
849MHz (unless otherwise specified)
Frequency Range
824
849
MHz
Linear Gain
19
22
dB
Second Harmonic
-33
dBc
Third Harmonic
<-60
dBc
Maximum Linear Output Power
(CDMA Modulation)
16
20
dBm
Max ICC
150
mA
POUT=+16dBm (all currents included)
Adjacent Channel Power Rejec-
tion
-48
-46
dBc
ACPR @885kHz
< -60
-58
dBc
ACPR @1980kHz
Input VSWR
2:1
Output VSWR
10:1
No damage.
6:1
No oscillations. > -70dBc
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com