Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202MLTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC202MLTRT
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202MLTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC202MLTRT Datasheet HTML 1Page - Semtech Corporation SC202MLTRT Datasheet HTML 2Page - Semtech Corporation SC202MLTRT Datasheet HTML 3Page - Semtech Corporation SC202MLTRT Datasheet HTML 4Page - Semtech Corporation SC202MLTRT Datasheet HTML 5Page - Semtech Corporation SC202MLTRT Datasheet HTML 6Page - Semtech Corporation SC202MLTRT Datasheet HTML 7Page - Semtech Corporation SC202MLTRT Datasheet HTML 8Page - Semtech Corporation SC202MLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SC202
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC202MLTRT(1)(2)
MLPQ-13 — 2.5 x 3.0
SC202EVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant
and halogen-free.
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
LX
LX
LX
OUT
OUT
OUT
GND
IN
CTL2
CTL1
CTL0
CTL3
SNS
MLPQ-13; 2.5 x 3.0, 13 LEAD
θ
JA = 58°C/W
Table 1 – Output Voltage Settings
CTL3
CTL2
CTL1
CTL0
Vout
0
0
0
0
Shutdown
0
0
0
1
0.80
0
0
1
0
1.00
0
0
1
1
1.20
0
1
0
0
1.40
0
1
0
1
1.50
0
1
1
0
1.60
0
1
1
1
1.80
1
0
0
0
1.85
1
0
0
1
1.90
1
0
1
0
2.00
1
0
1
1
2.20
1
1
0
0
2.50
1
1
0
1
2.80
1
1
1
0
3.00
1
1
1
1
3.30
yyww = Date Code
xxxx = Semtech Lot Number
202
yyww
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com