Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC283EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC283EVB Datasheet HTML 9Page - Semtech Corporation SC283EVB Datasheet HTML 10Page - Semtech Corporation SC283EVB Datasheet HTML 11Page - Semtech Corporation SC283EVB Datasheet HTML 12Page - Semtech Corporation SC283EVB Datasheet HTML 13Page - Semtech Corporation SC283EVB Datasheet HTML 14Page - Semtech Corporation SC283EVB Datasheet HTML 15Page - Semtech Corporation SC283EVB Datasheet HTML 16Page - Semtech Corporation SC283EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SC283
© 2010 Semtech Corp.
Applications Information (continued)
and 3b show the maximum allowable load current based
upon the limit of maximum loss for V
IN=3.3V and VIN=5.0V,
respectively. The curves are drawn for high duty-cycle
operation. If the operating duty-cycle is lower, the loss is
lower allowing higher load current.
SC283 Maximum Loss for T
J=125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Loss of Channel A (W)
TA= 25°C
TA= 85°C
TA= 55°C
Figure 2 — Maximum allowable loss for each channel
for a maximum junction temperature of 125°C
Protection Features
The SC283 provides the following protection features:
Current Limit
Over-Voltage Protection
Soft-Start Operation
Thermal Shutdown
Current Limit and Protection
The internal PMOS power device in the switching stage
is protected by a current limit feature. If the inductor
current is above the PMOS current limit for 16 consecutive
cycles, the part enters foldback current limit mode and
the output current is limited to the current limit holding
current (I
CL_HOLD) of a few hundred milliampere. Under
this condition, the output voltage will be the product
of I
CL_HOLD and the load resistance. The
current limit
holding current will decrease when the output voltage
increases. The load presented must fall below the current
limit holding current for the part to exit foldback current
limit mode. Figure 4 shows how the typical current limit
holding current varies with output voltage. The SC283 is
capable of sustaining an indefinite short circuit without
damage and will resume normal operation when the fault
is removed. The foldback current limit mode is disabled
during soft-start. Current limit functionality is shown in
Figure 6.
•
•
•
•
SC283 Maximum Load Current for T
J=125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Load Current of Channel A (A)
TA  42°C
TA= 85°C
TA= 60°C
VIN= 3.3V
VOUT= 2.5V
(a) V
IN= 3.3V, VOUT=2.5V
SC283 Maximum Load Current for T
J=125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Load Current of Channel A (A)
TA  47°C
TA= 85°C
TA= 70°C
VIN= 5.0V
VOUT= 3.3V
(b) V
IN= 5.0V, VOUT=3.3V
Figure 3 — Maximum allowable Load Current for each
channel for a maximum junction temperature of 125°C
Current Limit Holding Current over Vout
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
TA= 25°C
VIN= 5.0V
VIN= 3.6V
VIN= 3.3V
Figure 4 — Typical Current Limit Holding Current
www.semtech.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com