Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412A Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC412A_1 Datasheet HTML 9Page - Semtech Corporation SC412A_1 Datasheet HTML 10Page - Semtech Corporation SC412A_1 Datasheet HTML 11Page - Semtech Corporation SC412A_1 Datasheet HTML 12Page - Semtech Corporation SC412A_1 Datasheet HTML 13Page - Semtech Corporation SC412A_1 Datasheet HTML 14Page - Semtech Corporation SC412A_1 Datasheet HTML 15Page - Semtech Corporation SC412A_1 Datasheet HTML 16Page - Semtech Corporation SC412A_1 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Layout Guidelines
These requirements (650μF, 10.8mΩ) can be met using
two capacitors, 330μF 20mΩ.
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 0.75V reference, the DL output
is high and the low-side mosfet is on. During this time, the
voltage across the inductor is approximately - VOUT. This
causes a downslope or falling di/dt in the inductor. If the
load di/dt is not much faster than the di/dt in the inductor,
then the inductor current can track change in load current,
and there will be relatively less overshoot from a load
release. The following can used to calculate the needed
capacitance for a given dILOAD/dt:
Peak inductor current,
ILPEAK = I
LOADMAX + 1/2 • IRIPPLEMAX
ILPEAK = 10 + 1/2 • 4.05 = 12.02A
Rate of change of Load current = dILOAD/dt
IMAX = maximum load release = 10A
COUT = ILPEAK • (L •ILPEAK / VOUT - IMAX/dILOAD/dt)
2 • (VPEAK - VOUT)
Example: Load dI/dt = 2.5A/usec
This would cause the output current to move from 10A to
zero in 4μsec.
COUT = 12.45•(0.7μH•12.45/1.15 - 10/(2.5/1μsec)
2 •(1.23 - 1.15)
COUT = 278 μF
Stability Considerations
Unstable operation shows up in two related but distinctly
different ways: double-pulsing and fast-feedback loop
instability. double-pulsing occurs due to switching noise
seen at the FB input or because the ESR is too low, caus-
ing insufficient voltage ramp in the FB signal. This causes
the error amplifier to trigger prematurely after the 350ns
minimum off-time has expired. double-pulsing will result
in higher ripple voltage at the output, but in most cases
is harmless. In some cases, however, double-pulsing can
indicate the presence of loop instability, which is caused
by insufficient ESR.
One simple way to solve this problem is to add some trace
resistance in the high current output path. A side effect of
doing this is output voltage droop with load. Another way
to eliminate doubling-pulsing is to add a small (e.g. 10pF)
capacitor across the upper feedback resistor divider net-
work, (this capacitor is shown in Figure 6). This capacitance
should be left out until confirmation that double-pulsing
exists. Adding this capacitance will add a zero in the trans-
fer function and should eliminate the problem. It is best to
leave a spot on the PCB in case it is needed.
R1
R2
To FB pin
VOUT
C
Figure 6.
Loop instability can cause oscillations at the output as a
response to line or load transients. These oscillations can
trip the over-voltage protection latch or cause the output
voltage to fall below the tolerance limit.
The best way for checking stability is to apply a zero-to-
full load transient and observe the output voltage ripple
envelope for overshoot and ringing. Over one cycle of ring-
ing after the initial step is a sign that the ESR should be
increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com