Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189LEVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC189LEVB
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189LEVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC189LEVB Datasheet HTML 15Page - Semtech Corporation SC189LEVB Datasheet HTML 16Page - Semtech Corporation SC189LEVB Datasheet HTML 17Page - Semtech Corporation SC189LEVB Datasheet HTML 18Page - Semtech Corporation SC189LEVB Datasheet HTML 19Page - Semtech Corporation SC189LEVB Datasheet HTML 20Page - Semtech Corporation SC189LEVB Datasheet HTML 21Page - Semtech Corporation SC189LEVB Datasheet HTML 22Page - Semtech Corporation SC189LEVB Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
23
SC189
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 Fax: (805) 498-3804
www.semtech.com
Contact Information
Outline Drawing – SOT23-5
Land Pattern – SOT23-5
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
Y
G
(C)
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
2.
DIMENSIONS
Y
Z
DIM
G
P
X
C
MILLIMETERS
P
Z
1.40
(2.50)
0.95
0.60
1.10
3.60
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com