Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412AEVB Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC412AEVB
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412AEVB Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC412AEVB Datasheet HTML 14Page - Semtech Corporation SC412AEVB Datasheet HTML 15Page - Semtech Corporation SC412AEVB Datasheet HTML 16Page - Semtech Corporation SC412AEVB Datasheet HTML 17Page - Semtech Corporation SC412AEVB Datasheet HTML 18Page - Semtech Corporation SC412AEVB Datasheet HTML 19Page - Semtech Corporation SC412AEVB Datasheet HTML 20Page - Semtech Corporation SC412AEVB Datasheet HTML 21Page - Semtech Corporation SC412AEVB Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Typical Characteristics
TON vs. VBAT - VOUT > 2.5V
Note: See Reference schematic on Page 20.
TON vs. VBAT - VOUT < 1.8V
Frequency vs. VBAT
Efficiency vs. Load - 1.15V Output
Load Regulation
Line Regulation
1.07
1.08
1.09
1.10
1.11
1.12
1.13
0
2
4
6
8
1012
1416
1820
Load (A)
10V
19V
15V
1.07
1.08
1.09
1.10
1.11
1.12
1.13
10
12
14
16
18
VBAT (V)
No Load
10A
3A
15A
100
200
300
400
500
600
700
800
900
1000
510
15
20
VBAT (V)
0.75V
1.1V
1.5V
1.8V
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
510
15
20
VBAT (V)
2.5V
3.3V
5V
75%
80%
85%
90%
95%
02
46
8
10
12
14
16
18
20
Load (A)
10V
15V
19V
300
310
320
330
340
350
360
370
380
390
400
5
7
9
11131517
192123
VBAT (V)
0.75V
0.9V
1.0V
1.1V
1.25V
1.5V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com