Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECES2GC121DB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECES2GC121DB
Description  Snap-in Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECES2GC121DB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECES2GC121DB Datasheet HTML 1Page - Panasonic Semiconductor ECES2GC121DB Datasheet HTML 2Page - Panasonic Semiconductor ECES2GC121DB Datasheet HTML 3Page - Panasonic Semiconductor ECES2GC121DB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aluminum Electrolytic Capacitors/MC
— EE166 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
-40 to + 105
°C
-25 to + 105
°C
200 to 250 V .DC
400 to 450 V .DC
120 to 1500 µ F
39 to 390 µ F
±20 % (120Hz/+20
°C)
Frequency (Hz)
50
60
100
120
500
1k
10k to
0.75
0.80
0.95
1.00
1.20
1.25
1.40
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
tan
δ
Endurance
Shelf Life
Frequency Correction
Factor for Ripple Current
0.03 CV (µA) or 3 mA, whichever is smaller, after 5 minutes application of rated working
voltage at +20
°C.
C:Capacitance(µF) V: W.V. (V.DC)
Capacitance change
tan
δ
DC leakage current
±20 % of initial measured value
<
200 % of initial specified value
<
initial specified value
Please see the attached standard products list.
After 2000 hours application of DC voltage with specified ripple current (< rated DC working
voltage) at +105
°C, the capacitor shall meet the following limits.
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
n
Dimensions in mm (not to scale)
n
Features
n
Recommended Applications
n
Specifications
Snap-in Type
Endurance: 105
°C 2000 h
Smoothing circuits, AC adaptor
MC
Series:
TS
Type :
Overvoltage
Please contact the factory for detailed information on test methods and standards
relating overvoltage characteristics.
Correction Factor
Japan
U.S.A
Malaysia
i
10.0±0.1
L+2.0 max
(10.0) 2-
φ2.0±0.1
P.V.C. sleeve
Vent
Polarity bar
Recommended PWB piercing plan
1.5±0.2
+0.2
0.8
-0.1
2.0max
+0.2
0.8
-0.1
1.5 ± 0.2
2.0max
i
i
Terminal
(t= 0.8)
Bottom of can
Bottom of can
(Standard terminal type)
Standard terminal type does not require
terminal trimming process.
Country of Origin
Mar. 2005


Similar Part No. - ECES2GC121DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
542Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 1/2006
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
739Kb / 20P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
logo
Ecliptek Corporation
ECE-20-30.000M-GA ECLIPTEK-ECE-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECE-20-30.000M-GTR ECLIPTEK-ECE-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECE-20-30.000M-I2A ECLIPTEK-ECE-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECES2GC121DB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
snap-in terminal type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com