Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOG2GP822F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECOG2GP822F
Description  Screw Terminal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOG2GP822F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECOG2GP822F Datasheet HTML 1Page - Panasonic Semiconductor ECOG2GP822F Datasheet HTML 2Page - Panasonic Semiconductor ECOG2GP822F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminium Electrolytic Capacitors/GUP
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE187 –
Series:
GUP
-25 to + 85
°C
160 to 450 V .DC
2700 to 56000 µ F
±20% (120Hz/+20
°C)
Japan
(µA) or 5(mA) whichever, smaller, after 5 minutes application of rated working
voltage at +20
°C C:Capacitance(µF) V: W.V. (V.DC)
3ヨCV
n
Frequency Correction Factor for Ripple Current
0.86
0.90
0.83
0.85
0.81
0.85
50
60
120
300
360
1k
10k to
64
77, 90
64
77, 90
64
77, 90
n
Dimensions in mm (not to scale)
n
Mounting clamp
φD
φD1 φD2
W1 W2
64
77
90
76.0
89.0
101.6
86.0
100.0
113.0
8.0
8.0
8.0
13.0
14.0
14.0
0.91
0.95
0.88
0.90
0.87
0.90
1.00
1.00
1.00
1.00
1.00
1.00
1.05
1.05
1.07
1.05
1.07
1.05
1.06
1.06
1.08
1.06
1.08
1.06
1.08
1.08
1.13
1.11
1.13
1.11
1.10
1.10
1.20
1.20
1.21
1.20
Freq.(Hz)
φD(mm)
W.V.(V)
160, 200
250, 350
400, 450
(mm)
φD
64
77
90
F
28.6
31.8
31.8
120
°
φD2
W1
W2
45°
φD
A
B
C
E
H max
64
77
93.0
104.5
81.0
93.5
70.0
90.0
5.0
5.0
13
13
8.4
14
A
B
(mm)
(mm)
Screw Terminal Type
n
Features
n
Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
Dissipation Factor
Endurance
Shelf Life
After 5000 hours application of DC voltage with specified ripple current (< rated DC working volt-
age ) at +85
°C, the capacitor shall meet the following limits.(160 to 250 W.V. : 2000 hours at +85°C)
Please see the attached standard products list
Capacitance change
D.F.
DC leakage current
±20 % of initial measured value
<
200 % of initial specified value
<
initial specified value
After storage for 1000hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in ìEnduranceî.(With voltage treatment)
Endurance: 85
°C 2000, 5000 h
High-ripple-current product
Expanded case size up to
φ90x222
High CV packed
n
Recommended Applications
For general-purpose inverter, power supply for
backup system, motor-control, inverter
Withstand Voltage
Application of 1500 V.AC between V-block and terminals for 1 minute, there shall be no
abnormalities like destruction of insulator.
L+4 max
9 max
M5x12
Hexagonal-bolt
Vent
P.V.C. sleeve
Discontinued
Mar. 2005


Similar Part No. - ECOG2GP822F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOG2GU102L PANASONIC-ECOG2GU102L Datasheet
64Kb / 2P
Screw Terminal Type
ECOG2GU122K PANASONIC-ECOG2GU122K Datasheet
64Kb / 2P
Screw Terminal Type
ECOG2GU152K PANASONIC-ECOG2GU152K Datasheet
64Kb / 2P
Screw Terminal Type
ECOG2GU182K PANASONIC-ECOG2GU182K Datasheet
64Kb / 2P
Screw Terminal Type
ECOG2GU222J PANASONIC-ECOG2GU222J Datasheet
64Kb / 2P
Screw Terminal Type
More results

Similar Description - ECOG2GP822F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
Screw Terminal Type
logo
METZ CONNECT GmbH
310071XX METZ-310071XX Datasheet
336Kb / 5P
screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
screw type terminal block, pluggable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com