Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC440A
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440A Datasheet(HTML) 2 Page - Semtech Corporation

  SC440A Datasheet HTML 1Page - Semtech Corporation SC440A Datasheet HTML 2Page - Semtech Corporation SC440A Datasheet HTML 3Page - Semtech Corporation SC440A Datasheet HTML 4Page - Semtech Corporation SC440A Datasheet HTML 5Page - Semtech Corporation SC440A Datasheet HTML 6Page - Semtech Corporation SC440A Datasheet HTML 7Page - Semtech Corporation SC440A Datasheet HTML 8Page - Semtech Corporation SC440A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
SC440A
2
www.semtech.com
© 2010 Semtech Corp.
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC440AMLTRT(1)(2)
4mm x 4mm x1mm MLPQ - 24
SC440AEVB
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in Pb-free and Halogen free package only. Device is
WEEE and RoHS compliant.
TOP VIEW
1
2
3
4
T
5
78
9
10
11
17
16
15
14
13
19
20
21
22
23
IO1
EN
AGND
FFLAG
SS
4mm x 4mm x1mm MLPQ - 24
OVPRTN
VIN
COMP
IOSET
SCP_EN
VOUT
PWM
18
12
6
24
θ
JA
= 29°C/W
Nnnnn = Part number (Example: 440A)
yyww = Date Code (Example: 0752)
xxxxx = Semtech Lot No. (Example: E9010
xxxxx =
01-10)
Top View
440A
yyww
xxxxx
xxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com