Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC440AMLTRT Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC440AMLTRT
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440AMLTRT Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC440AMLTRT Datasheet HTML 13Page - Semtech Corporation SC440AMLTRT Datasheet HTML 14Page - Semtech Corporation SC440AMLTRT Datasheet HTML 15Page - Semtech Corporation SC440AMLTRT Datasheet HTML 16Page - Semtech Corporation SC440AMLTRT Datasheet HTML 17Page - Semtech Corporation SC440AMLTRT Datasheet HTML 18Page - Semtech Corporation SC440AMLTRT Datasheet HTML 19Page - Semtech Corporation SC440AMLTRT Datasheet HTML 20Page - Semtech Corporation SC440AMLTRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 Fax: (805) 498-3804
www.semtech.com
Contact Information
SC440A
21
www.semtech.com
© 2010 Semtech Corp.
Land Pattern - MLPQ-24
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
4.80
.189
Z
K
G
Z
H
(C)
X
P
FUNCTIONAL PERFORMANCE OF THE DEVICE.
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
2.
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
1.
DIM
X
Y
H
K
P
C
G
MILLIMETERS
INCHES
(3.95)
.010
.033
.122
.020
.106
.106
(.156)
0.25
0.85
2.70
0.50
2.70
3.10
DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com