Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC442 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC442
Description  10-Channel, Integrated, High Efficiency 120 White LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC442 Datasheet(HTML) 1 Page - Semtech Corporation

  SC442 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 26, 2010
POWER MANAGEMENT
1
10-Channel, Integrated, High Efficiency
120 White LED Driver
SC442
Typical Application Circuit
Features
Wide input voltage range from 4.5V to 21V
42V maximum operating output voltage
Programmable LED current up to 30mA per string
+/- 1% current matching
Integrated 3A switch
Low current sink voltage
Up to 91% efficiency
Flexible LED configurations
Mismatched LED channels
Disable individual channel(s)
Parallel channels for high LED current
PWM dimming capability
Up to 50kHz dimming frequency
>500:1 dimming range
Switching frequency: 500kHz - 1MHz
Parallel device operation with Sync Pin
Protection features:
Adjustable OVP
Cycle-by-cycle current limit
LED short channel with disable /Open channnel
Over-Temperature protection
MLPQ-28 lead-free package (WEEE and RoHS compliant),
4×4mm × 0.6mm
Applications
Automotive LCD Backlighting
Desktop monitors
Notebook PCs
Portable TVs
Description
The SC442 is a 10-channel, high efficiency integrated step-up
(boost) driver IC capable of powering up to 120 WLEDs. The device
has a wide input voltage of 4.5V to 21V with no internal regulator
or bypass capacitor required. The wide input range, up to 42V
output voltage and flexible implementation make it the ideal LED
backlight driver solution for medium to large LCD displays. The
current sink channels are programmed with an external resistor
up to 30mA each.
Channel-channel current matching is +/-1% . The device disables
open or shorted LEDs by disabling only the affected LED channel;
thus increasing LCD panel life. Channel-channel LED mismatch
voltage is accomodated by adjusting the SCPSET resistor. The
current sink channels may be operated in parallel for increased
LED current. Unused channels are be disabled by connecting the
pin to the input voltage.
Losses in the switching device and current sinks are minimized
across the operating range; yielding >90% efficiency and excel-
lent battery life for portable systems.
The device accepts PWM dimming up to 50kHz. Maximum dim-
ming range is greater than 500:1 with excellent linearity for opti-
mum PWM dimming characteristics. The high frequency dimming
capability (>20kHz) eliminates audio emissions and allows small
ceramic output capacitors.
Switching frequency is programmable from 200kHz to 1MHz;
allowing efficiency versus L/C sizing tradeoffs across the input/
output voltage range. Alternatively, the SYNC pin allows the
designer to synchronize the switching frequency to an external
system clock and, if necessary, a parallel SC442 device - eliminating
potential system intermodulation and interference problems.
Over-temperature shutdown protects the IC from over-heating
under abnormal conditions. The device is available in a small
4mmx4mm MLPQ-28 pin package with 0.6mm maximum height
and is fully WEEE and RoHS compliant.
Enable
Dimming
VOUT
SS
PGND
FS
SCPSET
IO1- 10
OVFB
IOGND
PWM
AGND
VIN = 4.5V– 21V
EN
COMP
VIN
SW
SCPEN
SCPEN
AGND
IOSET
SW
SYNC
10
Up to 120WLEDs
VOUT = Up to 42V
6.8uH
1.47k 12nF
47nF


Similar Part No. - SC442

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC440 SEMTECH-SC440 Datasheet
66Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC440A SEMTECH-SC440A Datasheet
390Kb / 1P
High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs
SC440A SEMTECH-SC440A Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC440AEVB SEMTECH-SC440AEVB Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC440AMLTRT SEMTECH-SC440AMLTRT Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
More results

Similar Description - SC442

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Global Mixed-mode Techn...
G5904 GMT-G5904 Datasheet
41Kb / 1P
Four Channel High Efficiency White LED Driver
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com