Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECES2GC271EB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECES2GC271EB
Description  Snap-in Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECES2GC271EB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECES2GC271EB Datasheet HTML 1Page - Panasonic Semiconductor ECES2GC271EB Datasheet HTML 2Page - Panasonic Semiconductor ECES2GC271EB Datasheet HTML 3Page - Panasonic Semiconductor ECES2GC271EB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aluminum Electrolytic Capacitors/MC
— EE167 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
6.3mm
4.0mm
Terminal Length
Terminal Length
Specification
Dia.
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
Min.PackagingQ'ty
(Standard Terminals)
Part No.
Length
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35xφ45L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid
using adhesives including halogenated compositions.)
180
22
25
0.90
0.15
ECES2DC181BB ECEC2DC181BB
200
220
22
30
1.00
0.15
ECES2DC221BB ECEC2DC221BB
200
25
25
1.00
0.15
ECES2DC221CB ECEC2DC221CB
200
270
22
35
1.10
0.15
ECES2DC271BB ECEC2DC271BB
200
25
30
1.10
0.15
ECES2DC271CB ECEC2DC271CB
200
30
25
1.10
0.15
ECES2DC271DB ECEC2DC271DB
100
330
22
40
1.20
0.15
ECES2DC331BB ECEC2DC331BB
200
25
30
1.20
0.15
ECES2DC331CB ECEC2DC331CB
200
30
25
1.20
0.15
ECES2DC331DB ECEC2DC331DB
100
390
22
45
1.30
0.15
ECES2DC391BB ECEC2DC391BB
200
25
35
1.30
0.15
ECES2DC391CB ECEC2DC391CB
200
30
30
1.30
0.15
ECES2DC391DB ECEC2DC391DB
100
470
22
50
1.40
0.15
ECES2DC471BB ECEC2DC471BB
200
200
25
40
1.40
0.15
ECES2DC471CB ECEC2DC471CB
200
30
30
1.40
0.15
ECES2DC471DB ECEC2DC471DB
100
560
25
45
1.50
0.15
ECES2DC561CB ECEC2DC561CB
200
30
35
1.50
0.15
ECES2DC561DB ECEC2DC561DB
100
35
30
1.50
0.15
ECES2DC561EB ECEC2DC561EB
100
680
25
50
1.70
0.15
ECES2DC681CB ECEC2DC681CB
200
30
40
1.70
0.15
ECES2DC681DB ECEC2DC681DB
100
35
30
1.70
0.15
ECES2DC681EB ECEC2DC681EB
100
820
30
45
2.00
0.15
ECES2DC821DB ECEC2DC821DB
100
35
35
2.00
0.15
ECES2DC821EB ECEC2DC821EB
100
1000
30
50
2.20
0.15
ECES2DC102DB ECEC2DC102DB
100
35
40
2.20
0.15
ECES2DC102EB ECEC2DC102EB
100
1200
35
45
2.30
0.15
ECES2DC122EB ECEC2DC122EB
100
1500
35
50
2.50
0.15
ECES2DC152EB ECEC2DC152EB
100
120
22
25
0.70
0.15
ECES2EC121BB ECEC2EC121BB
200
150
22
30
0.80
0.15
ECES2EC151BB ECEC2EC151BB
200
25
25
0.80
0.15
ECES2EC151CB ECEC2EC151CB
200
180
22
35
0.90
0.15
ECES2EC181BB ECEC2EC181BB
200
25
30
0.90
0.15
ECES2EC181CB ECEC2EC181CB
200
220
22
40
1.00
0.15
ECES2EC221BB ECEC2EC221BB
200
25
30
1.00
0.15
ECES2EC221CB ECEC2EC221CB
200
250
30
25
1.00
0.15
ECES2EC221DB ECEC2EC221DB
100
270
22
45
1.10
0.15
ECES2EC271BB ECEC2EC271BB
200
25
35
1.10
0.15
ECES2EC271CB ECEC2EC271CB
200
30
30
1.10
0.15
ECES2EC271DB ECEC2EC271DB
100
330
22
50
1.20
0.15
ECES2EC331BB ECEC2EC331BB
200
25
40
1.20
0.15
ECES2EC331CB ECEC2EC331CB
200
30
30
1.20
0.15
ECES2EC331DB ECEC2EC331DB
100
390
25
45
1.30
0.15
ECES2EC391CB ECEC2EC391CB
200
tan
δ
(120Hz)
(+20
°C)
(Without P.V.C.plate)
(Without P.V.C.plate)
Mar. 2005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com