Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC446 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC446
Description  High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC446 Datasheet(HTML) 1 Page - Semtech Corporation

  SC446 Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High E ciency Integrated Driver for
3-Strings of 100mA LEDs
SC446
POWER MANAGEMENT
January 28, 2010
1
www.semtech.com
Features
Applications
Description
„
Wide input voltage range from 4.5V to 27V
„
36V maximum output voltage
„
Drives up to 30 WLEDs in 3 strings
„
Programmable LED current for up to 100mA per
string
„
+/- 2% string-to-string current matching
„
Up to 90% eciency
„
Wide 0.2% to 100% PWM dimming range
„
Possible analog dimming
„
Integrated 2.5A power switch
„
700kHz switching frequency for small size
„
Adjustable OVP for cost-e ective output cap selection
„
Open/short LED protection
„
Thermal protection with auto-recovery
„
Thermally enhanced TSSOP-16 EDP package
„
Pb Free, Halogen Free, andWEEE/RoHS Compliant
„
Medium-sized LCD panel
„
Notebook Display
„
Automotive Car Navigation Display
„
Sub-Notebook and Tablet Computer Displays
„
Portable Media Players
The SC446 is a high-eciency multiple string WLED driver
with an integrated boost converter. It operates over a
wide input range from 4.5V to 27V with a maximum out-
put voltage of 36V and a 2.5A internal power switch. It
can drive up to thirty WLEDs in 3 strings with current up
to 100mA per string. The string-to-string current match-
ing is 2% typical, 3% maximum. The overall eciency is
greater than 90% due to the low current sense voltage
and a low-impedance internal power switch. The wide
PWM dimming range boasts a ratio of 500: 1.
The 700kHz switching frequency enables the user to op-
timize the external component sizes for eciency. When
there are fewer than 10 LEDs in each string, users can ad-
just the output voltage protection yielding an allowable
reduction in associated costs, size and voltage ratings of
the output capacitor.
The SC446 also features comprehensive open and short-
circuit LED protection functions. It disables the corre-
sponding strings with LED open or LED short conditions
while maintaining normal operation of other, una ected
LED strings. This feature allows LCD panels to remain
viewable even under LED failure, wire disconnect, or
short-circuit conditions. The internal thermal shutdown
protects the IC from overheating at abnormal conditions.
The SC446 is available in a thermally-enhanced TSSOP-16
EDP package.
Typical Application Circuit

9287
66
3*1'
,26(7
,2
&203
293,1
$*1'
9,1
6:
3:0
(1
6&
 6WULQJV


9LQ 9 9

('3
3*1'
,26(7
,2 
&203
66
$*1'
9287
293,1
9,1
293571


Similar Part No. - SC446

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
More results

Similar Description - SC446

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC441 SEMTECH-SC441 Datasheet
70Kb / 1P
High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs
SC441A SEMTECH-SC441A Datasheet
981Kb / 20P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC440A SEMTECH-SC440A_10 Datasheet
397Kb / 21P
High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
SC441A SEMTECH-SC441A_10 Datasheet
241Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC441C SEMTECH-SC441C Datasheet
51Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC443 SEMTECH-SC443 Datasheet
224Kb / 1P
High Efficiency Integrated Boost Driver for 3-Strings of 30mA LEDs
SC441D SEMTECH-SC441D Datasheet
1Mb / 21P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
SC445 SEMTECH-SC445 Datasheet
320Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
logo
Samtec, Inc
SC446TETRT SAMTEC-SC446TETRT Datasheet
956Kb / 19P
High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
logo
Semtech Corporation
SC441TETRT SEMTECH-SC441TETRT Datasheet
88Kb / 1P
High Efficiency Integrated Driver for 4-Strings of 150mA LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com