Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECEG2DG152P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEG2DG152P
Description  Screw Terminal Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG2DG152P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEG2DG152P Datasheet HTML 1Page - Panasonic Semiconductor ECEG2DG152P Datasheet HTML 2Page - Panasonic Semiconductor ECEG2DG152P Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Aluminium Electrolytic Capacitors/GNH
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE192 –
Endurance : 105
°C 2000 h
(mm)
(V)
(µF)
(A)
s
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp
clamp
3 point
Terminal
Part No.
Specification
Dia
.
Length
Case size
W.V.
Ripple
current
(120Hz)
(+105
°C)
Pitch
Standard Products
Cap.
(-10 to +30%)
1800
36
83
1.98
0.1
13.0
ECEG2CG182P( )
N
F
2200
36
103
2.50
0.1
13.0
ECEG2CG222N( )
N
F
2700
36
125
3.02
0.1
13.0
ECEG2CG272M( )
N
F
F
3300
51
83
3.63
0.1
22.0
ECEG2CG332L( )
N
C
F
4700
51
103
4.84
0.1
22.0
ECEG2CG472K( )
N
C
F
5600
51
125
5.93
0.1
22.0
ECEG2CG562J( )
N
C
F
160
6800
51
145
7.03
0.1
22.0
ECEG2CG682H( )
N
C
F
64
103
7.03
0.1
28.6
ECEG2CG682G( )
N
C
F
8200
64
125
9.01
0.1
28.6
ECEG2CG822F( )
N
C
F
10000
64
145
10.5
0.1
28.6
ECEG2CG103E( )
N
C
F
12000
77
125
12.5
0.1
31.8
ECEG2CG123D( )
N
C
F
15000
77
145
14.8
0.1
31.8
ECEG2CG153C( )
N
C
F
22000
90
150
20.0
0.1
31.8
ECEG2CG223A( )
N
F
1500
36
83
1.81
0.1
13.0
ECEG2DG152P( )
N
F
1800
36
103
2.21
0.1
13.0
ECEG2DG182N( )
N
F
2200
36
125
2.73
0.1
13.0
ECEG2DG222M( )
N
F
2700
51
83
3.30
0.1
22.0
ECEG2DG272L( )
N
C
F
3900
51
103
4.95
0.1
22.0
ECEG2DG392K( )
N
C
F
4700
51
125
5.83
0.1
22.0
ECEG2DG472J( )
N
C
F
200
5600
51
145
6.37
0.1
22.0
ECEG2DG562H( )
N
C
F
64
103
6.37
0.1
28.6
ECEG2DG562G( )
N
C
F
6800
64
125
8.24
0.1
28.6
ECEG2DG682F( )
N
C
F
8200
64
145
9.67
0.1
28.6
ECEG2DG822E( )
N
C
F
12000
77
125
12.5
0.1
31.8
ECEG2DG123D( )
N
C
F
15000
77
145
14.8
0.1
31.8
ECEG2DG153C( )
N
C
F
18000
90
150
19.0
0.1
31.8
ECEG2DG183A( )
N
F
1000
36
83
1.62
0.1
13.0
ECEG2EG102P( )
N
F
1200
36
103
1.77
0.1
13.0
ECEG2EG122N( )
N
F
1500
36
125
2.47
0.1
13.0
ECEG2EG152M( )
N
F
1800
51
83
2.78
0.1
22.0
ECEG2EG182L( )
N
C
F
2700
51
103
3.81
0.1
22.0
ECEG2EG272K( )
N
C
F
3300
51
125
4.77
0.1
22.0
ECEG2EG332J( )
N
C
F
250
3900
51
145
5.68
0.1
22.0
ECEG2EG392H( )
N
C
F
64
103
5.68
0.1
28.6
ECEG2EG392G( )
N
C
F
4700
64
125
7.16
0.1
28.6
ECEG2EG472F( )
N
C
F
5600
64
145
8.30
0.1
28.6
ECEG2EG562E( )
N
C
F
8200
77
125
10.3
0.1
31.8
ECEG2EG822D( )
N
C
F
10000
77
145
12.3
0.1
31.8
ECEG2EG103C( )
N
C
F
12000
90
150
15.8
0.1
31.8
ECEG2EG123A( )
N
F
470
36
83
1.10
0.1
13.0
ECEG2VG471P( )
N
F
350
680
36
103
1.52
0.1
13.0
ECEG2VG681N( )
N
F
820
36
125
1.84
0.1
13.0
ECEG2VG821M( )
N
F
D.F.
(120Hz)
(+20
°C)
Discontinued
Mar. 2005



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com