Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2304PCBA Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2304PCBA
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304PCBA Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2304PCBA Datasheet HTML 2Page - RF Micro Devices RF2304PCBA Datasheet HTML 3Page - RF Micro Devices RF2304PCBA Datasheet HTML 4Page - RF Micro Devices RF2304PCBA Datasheet HTML 5Page - RF Micro Devices RF2304PCBA Datasheet HTML 6Page - RF Micro Devices RF2304PCBA Datasheet HTML 7Page - RF Micro Devices RF2304PCBA Datasheet HTML 8Page - RF Micro Devices RF2304PCBA Datasheet HTML 9Page - RF Micro Devices RF2304PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-65
RF2304
Rev A5 010717
4
S11 of Evaluation Board versus Frequency
Temperature = +25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
Frequency (MHz)
Vcc=3V
Vcc=5V
S22 of Evaluation Board versus Frequency
Temperature = +25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
Frequency (MHz)
Vcc=3.0V
Vcc=5.0V
Reverse Isolation (S12) of Evaluation Board versus
Frequency, Temperature = +25°C
-19.2
-19.0
-18.8
-18.6
-18.4
-18.2
-18.0
0.0
500.0
1000.0
1500.0
2000.0
2500.0
Frequency (MHz)
Vcc=3.0V
Vcc=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com