Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2306 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2306
Description  GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2306 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2306 Datasheet HTML 1Page - RF Micro Devices RF2306 Datasheet HTML 2Page - RF Micro Devices RF2306 Datasheet HTML 3Page - RF Micro Devices RF2306 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-64
RF2306
Rev B2 000228
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Current
65
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=4.3V, RC=22Ω,
Freq= 1000MHz
Frequency Range
DC to 2000
MHz
Gain
18
19.5
22
dB
Freq= 1000MHz
19.5
21
23.5
dB
Freq= 100MHz
Noise Figure
3.5
dB
Input VSWR
< 2:1
In a 50
Ω system
Output VSWR
<2:1
In a 50
Ω system
Output IP3
+20
dBm
Output P1dB
+10
+12
dBm
Saturated Output Power
+15
dBm
Reverse Isolation
> 20
dB
Power Supply
Operating Voltage
3.7
V
At pin 8
Operating Current
28
35
42
mA
VCC=4.3V, RC=22Ω
Operating Current Range
20 to 65
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com