Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16501 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16501
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16501 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16501_05 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16501_05 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
74ALVT16501_4
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 8 August 2005
2 of 20
Philips Semiconductors
74ALVT16501
18-bit universal bus transceiver; 3-state
3.
Quick reference data
4.
Ordering information
Table 1:
Quick reference data
GND = 0 V; Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V
tPLH
propagation delay An to Bn or
Bn to An
CL = 30 pF
-
2.0
-
ns
tPHL
propagation delay An to Bn or
Bn to An
CL = 30 pF
-
2.1
-
ns
Ci
input capacitance of control pins VI = 0 V or VCC
-4
-pF
Cio
input/output capacitance of
I/O pins
VI/O = 0 V or VCC
-8
-pF
ICC
quiescent supply current
outputs disabled
-
40
-
µA
VCC = 3.3 V
tPLH
propagation delay An to Bn or
Bn to An
CL = 50 pF
-
1.8
-
ns
tPHL
propagation delay An to Bn or
Bn to An
CL = 50 pF
-
1.9
-
ns
Ci
input capacitance of control pins VI = 0 V or VCC
-4
-pF
Cio
input/output capacitance of
I/O pins
VI/O = 0 V or VCC
-8
-pF
ICC
quiescent supply current
outputs disabled
-
60
-
µA
Table 2:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVT16501DL
−40 °C to +85 °C
SSOP56
plastic shrink small outline package; 56 leads;
body width 7.5 mm
SOT371-1
74ALVT16501DGG
−40 °C to +85 °C
TSSOP56
plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com