Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74ALVT16601
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16601 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74ALVT16601 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 15Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 16Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 17Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 18Page - NXP Semiconductors 74ALVT16601 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
15 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
Table 9:
Measurement points
Supply voltage
Input
Output
VM
VM
VX
VY
≥ 3 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
≤ 2.7 V
0.5
× VCC
0.5
× V
CC
VOL + 0.15 V
VOH − 0.15 V
Measurement points are given in Table 9.
a. Input pulse definition
Test data is given in Table 10.
Definitions test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = Test voltage for switching times.
b. Test circuit
Fig 11. Load circuitry for switching times
Table 10:
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
CL
RL
tPLZ, tPZL tPLH, tPHL tPHZ,tPZH
3.0 V or VCC
whichever is
less
≤ 10 MHz 500 ns
≤ 2.5 ns 30 pF
or
50 pF
500
Ω 6 V or
2
× V
CC
open
GND
001aac221
VM
VM
tW
tW
10 %
90 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
10 %
tTHL(tf)
tTLH(tr)
tTLH(tr)
tTHL(tf)
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
PULSE
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com