Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16601DGG Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVT16601DGG
Description  18-bit universal bus transceiver; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16601DGG Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16601DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 12Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 13Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 14Page - NXP Semiconductors 74ALVT16601DGG Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
74ALVT16601_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 5 July 2005
11 of 20
Philips Semiconductors
74ALVT16601
18-bit universal bus transceiver; 3-state
11. Dynamic characteristics
Table 8:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Tamb = −40 °C to +85 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC = 2.5 V ± 0.2 V [1]; CL = 30 pF
tPHL
propagation delay
An to Bn or Bn to An
see Figure 5
1.4
2.2
3.5
ns
LEAB to Bn or LEBA to An
see Figure 6
1.5
2.5
4.0
ns
CPAB to Bn or CPBA to An
see Figure 7
1.9
3.2
5.2
ns
tPLH
propagation delay
An to Bn or Bn to An
see Figure 5
1.0
1.8
3.0
ns
LEAB to Bn or LEBA to An
see Figure 6
1.5
2.5
4.0
ns
CPAB to Bn or CPBA to An
see Figure 7
2.2
3.5
5.0
ns
tPHZ
output disable time from HIGH-level
see Figure 9
2.2
3.1
4.4
ns
tPLZ
output disable time from LOW-level
see Figure 10
1.6
2.3
3.4
ns
tPZH
output enable time to HIGH-level
see Figure 9
2.3
3.6
4.8
ns
tPZL
output enable time to LOW-level
see Figure 10
1.9
2.9
4.4
ns
th(H)
hold time HIGH
An to CPAB or Bn to CPBA
see Figure 8
0.0
−1.1
-
ns
An to LEAB or Bn to LEAB
see Figure 8
1.5
0.4
-
ns
CEAB to CPAB or CEBA to CPBA
see Figure 8
2.0
0.4
-
ns
th(L)
hold time LOW
An to CPAB or Bn to CPBA
see Figure 8
0.0
−0.3
-
ns
An to LEAB or Bn to LEAB
see Figure 8
1.9
1.0
-
ns
CEAB to CPAB or CEBA to CPBA
see Figure 8
+0.8
−0.1
-
ns
tsu(H)
set-up time HIGH
An to CPAB or Bn to CPBA
see Figure 8
2.0
0.4
-
ns
An to LEAB or Bn to LEBA
see Figure 8
0.0
−1.0
-
ns
CEAB to CPAB or CEBA to CPBA
see Figure 8
0.7
0.3
-
ns
tsu(L)
set-up time LOW
An to CPAB or Bn to CPBA
see Figure 8
2.0
1.2
-
ns
An to LEAB or Bn to LEBA
see Figure 8
1.5
0.4
-
ns
CEAB to CPAB or CEBA to CPBA
see Figure 8
+0.3
−0.4
-
ns
tWH
pulse width HIGH
CPAB or CPBA
see Figure 7
3.0
-
-
ns
LEAB or LEBA
see Figure 6
1.5
-
-
ns
tWL
pulse width LOW
CPAB or CPBA
see Figure 7
3.0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com