Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2310PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2310PCBA
Description  WIDEBAND GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2310PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2310PCBA Datasheet HTML 2Page - RF Micro Devices RF2310PCBA Datasheet HTML 3Page - RF Micro Devices RF2310PCBA Datasheet HTML 4Page - RF Micro Devices RF2310PCBA Datasheet HTML 5Page - RF Micro Devices RF2310PCBA Datasheet HTML 6Page - RF Micro Devices RF2310PCBA Datasheet HTML 7Page - RF Micro Devices RF2310PCBA Datasheet HTML 8Page - RF Micro Devices RF2310PCBA Datasheet HTML 9Page - RF Micro Devices RF2310PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4-82
RF2310
Rev C5 010717
4
OP1dB versus Temperature
Frequency = 1950 MHz
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
ICC versus Temperature
Frequency = 1950 MHz
8.0
18.0
28.0
38.0
48.0
58.0
68.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
Gain versus Temperature
Frequency = 2450 MHz
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
OIP3 versus Temperature
Frequency = 2450 MHz
17.0
19.0
21.0
23.0
25.0
27.0
29.0
31.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
OP1dB versus Temperature
Frequency = 2450 MHz
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V
ICC versus Temperature
Frequency = 2450 MHz
7.0
17.0
27.0
37.0
47.0
57.0
67.0
-60.0
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
Temperature (°C)
Vcc=3V
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com