Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1000-M20-R3213-NH Datasheet(PDF) 1 Page - GSI Group, Inc.

Part # M1000-M20-R3213-NH
Description  Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1000-M20-R3213-NH Datasheet(HTML) 1 Page - GSI Group, Inc.

  M1000-M20-R3213-NH Datasheet HTML 1Page - GSI Group, Inc. M1000-M20-R3213-NH Datasheet HTML 2Page - GSI Group, Inc. M1000-M20-R3213-NH Datasheet HTML 3Page - GSI Group, Inc. M1000-M20-R3213-NH Datasheet HTML 4Page - GSI Group, Inc. M1000-M20-R3213-NH Datasheet HTML 5Page - GSI Group, Inc. M1000-M20-R3213-NH Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optional features
• Glass scale length or diameter:
Linear lengths from 5mm to 2m
Rotary diameters from 12mm to 108mm
• Cable length of 0.5m, 1m, 2m or custom
• SmartPrecision Software for set up
Required accessories
• SmartPrecision Alignment Tool
Resolution
Determined by Customer
Electronics
Linear: 20μm to 0.078μm
Rotary: 2,500 to 4.2M CPR
Accuracy
Linear: ± 1μm available
± 3μm to ± 5μm standard
Rotary: Up to ± 2.1 arc-sec
Output
Analog Sine/Cosine and
Digital Index Window
Mercury
TM1000 Analog Output Encoder Systems
For Customer Interpolation- Resolution to 0.078μm
Reflective Linear and Rotary Encoders
Imagine what you can do with this!
Reduce the cost and size of your system, and increase its performance all
at once. MicroE Systems’ Mercury 1000 kit encoders are smaller, higher
performance, faster to install, and easier to use than any other encoder.
Advanced features include SmartPrecision™ automatic offset and gain
adjustments during set up to optimize accuracy. No manual adjustments are
needed. The tiny sensor fits into very tight spaces, has broad alignment
tolerances for fast and easy setup and works in both linear and rotary
applications. The entire Mercury 1000 encoder system is EMI shielded for use
in the toughest environments. With standard analog sine/cosine output, use
your interpolation electronics to achieve the resolution required by your
application.
The Mercury 1000 encoder system includes the sensor, double shielded cable, connector, and either a linear or rotary glass scale.
Mercury’s space-saving, integrated configuration gives OEM system designers a breakthrough in performance.
Table of Contents
System & Sensor
pg 4
Scales
pg 5-6
Ordering Information
pg 6
Standard features
• Small sensor with ultra-low Z height; flush screw mounting
• Sensor is 8.4mm (H) x 12.7mm (W) x 20.6mm (L) and weighs 1.6g
• SmartPrecision automatic offset and gain set up
• Analog Sine/Cosine output and Index window
• Fundamental resolution: Linear 20µm; Rotary 2,500 - 16,384 CPR
Interpolated resolution determined by customer electronics:
Linear: 20µm - 0.078µm; rotary: 2,500 to 4.2M CPR
• Entire system is EMI shielded
• Bi-directional index signal
• Index mark at the center or end of the glass scale (linear)
• Alignment Tool enables fast set up (Required, see pg 2)
Sensor as
small as a
dime


Similar Part No. - M1000-M20-R3213-NH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100006BK TRIPPLITE-M100006BK Datasheet
472Kb / 2P
Black USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
M100006WH TRIPPLITE-M100006WH Datasheet
480Kb / 2P
White USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
logo
Multicomp Pro
M10000799 MULTICOMP-M10000799 Datasheet
103Kb / 2P
Terminal Block 24A - 14 Way
26/02/08
More results

Similar Description - M1000-M20-R3213-NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
Interpolation Circuit for Incremental Measuring Systems
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
logo
GSI Group, Inc.
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
Interpolation Encoder IC
logo
Texas Instruments
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
logo
Contec Co., Ltd
AO-1604LX-USB CONTEC-AO-1604LX-USB Datasheet
910Kb / 5P
High-Resolution Analog Output Unit for USB
DAI16-4GY CONTEC-DAI16-4GY Datasheet
206Kb / 3P
Isolated High-Resolution Analog Output Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com