Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1000-M10-R5725-HC Datasheet(PDF) 4 Page - GSI Group, Inc.

Part # M1000-M10-R5725-HC
Description  Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1000-M10-R5725-HC Datasheet(HTML) 4 Page - GSI Group, Inc.

  M1000-M10-R5725-HC Datasheet HTML 1Page - GSI Group, Inc. M1000-M10-R5725-HC Datasheet HTML 2Page - GSI Group, Inc. M1000-M10-R5725-HC Datasheet HTML 3Page - GSI Group, Inc. M1000-M10-R5725-HC Datasheet HTML 4Page - GSI Group, Inc. M1000-M10-R5725-HC Datasheet HTML 5Page - GSI Group, Inc. M1000-M10-R5725-HC Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
System Specifications
System
Grating Period
20µm
Signal Period
20µm
System Resolution Fundamental resolution: Linear 20µm; Rotary 2500 - 16,384 CPR
Interpolated resolution determined by customer electronics:
Linear: 20µm - 0.078µm; rotary: 2,500 to 4.2M CPR
Linear Accuracy*
Better than ±1µm available; contact MicroE
Better than ±3µm up to 130mm, ±5µm from 155mm to 1m,
±5µm per meter from 1m to 2m
*Maximum peak to peak error over the specified movement when compared to a NIST-traceable laser interferometer
standard, used at room temperature and with MicroE interpolation electronics.
Rotary Accuracy* Scale O.D.
Microradians
Arc-Seconds
12.00mm
±100
±21
19.05mm
±63
±13
31.75mm
±38
±7.8
57.15mm
±19
±3.9
107.95mm
±10
±2.1
*Based on ideal scale mounting concentricity
Sensor Size
W:
12.70mm
0.500"
L:
20.57mm
0.810"
H:
8.38mm
0.330"
Operating and Electrical Specifications
Power Supply
5VDC ±5% @ 60mA
Temperature
Operating:
0 to 70°C
Storage:
-20 to 70°C
Humidity:
10 - 90% RH non-condensing
EMI:
Entire system is EMI/RFI protected
Shock:
1500G 0.5ms half sine (Sensor)
Sensor Weight:
2.7g (Sensor without cable)
Cable:
Double Shield. Diameter: 3.6mm (0.142”)
Flex Life: 20 x 10
6 cycles @ 20mm bending radius
Maximum Speed
Scale Length/Diameter
Maximum Speed*
Linear
All Lengths
7200mm/s
Rotary
0.75”
8640 RPM
1.25”
5272 RPM
2.25”
2637 RPM
4.25”
1318 RPM
*Assumes customer electronics have adequate bandwidth
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
Page 4 of 6
Analog Output
Pins 7,8,14 and 15
20µm
20µm Typical
5VDC
90°
Mercury 1000 Outputs
15-pin Standard Male D-sub connector
PIN
FUNCTION
1
Index Window-
2
Index Window+
3
Reserved - do not connect
4
Reserved - do not connect
5
Reserved - do not connect
6
Reserved - do not connect
7
Cosine+
8
Sine+
9
Reserved - do not connect
10
Reserved - do not connect
11
Reserved - do not connect
12
+5VDC
13
Ground
14
Cosine-
15
Sine -
1V pp ±15%
(Differential)
Across 120
Ω
resistor
Index Window
Pin 2
52.0
2.05
15.7
.62
PIN 1
PIN 8
PIN 9
PIN 15
Mechanical Information - Sensor and Connector
Note: See interface drawing
for important sensor mounting
information.
1.47
.058
4.22
.166
6.91
.272
0.94
.037
3.4
.13
SENSOR MTG SURFACE
A
2.03
.080
16.5
.650
2.11
.083
3.94
.155
8.5
.334
12.70
.500
10.29
.405
20.57
.810
THRU.
2X
2.69
.106
8.75
.345
6.2
.24
B
C
.142 [3.61]
CABLE DIAMETER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com