Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1000-M20-R5725-HC Datasheet(PDF) 6 Page - GSI Group, Inc.

Part # M1000-M20-R5725-HC
Description  Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1000-M20-R5725-HC Datasheet(HTML) 6 Page - GSI Group, Inc.

  M1000-M20-R5725-HC Datasheet HTML 1Page - GSI Group, Inc. M1000-M20-R5725-HC Datasheet HTML 2Page - GSI Group, Inc. M1000-M20-R5725-HC Datasheet HTML 3Page - GSI Group, Inc. M1000-M20-R5725-HC Datasheet HTML 4Page - GSI Group, Inc. M1000-M20-R5725-HC Datasheet HTML 5Page - GSI Group, Inc. M1000-M20-R5725-HC Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS-M1000 Rev G © 2008 MicroE Systems
Page 6
M
Miic
crro
oE
E S
Syysstte
em
mss – World Headquarters: 125 Middlesex Turnpike • Bedford • MA 01730
www.microesys.com • info@microesys.com • T. [781]-266-5700 • F. [781]-266-5112
To specify your Mercury encoder with the desired scale, cable length and software, consult the chart below to create the correct part
number for your order. Call MicroE Systems’ Rapid Customer Response team for more information [508] 903-5000.
How to Order Mercury 1000 Encoder Systems
All Specifications are subject to change. All
data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
Scale Mounting
For linear scales:
T = Tape mounting
C1 = 3 scale clamps*
C2 = 10 scale clamps**
Hubs for Rotary Scales:
NH = Without Hub
HE = for R1206
HA = for R1910
HB = for R3213
HC = for R5725
HD = for R10851
Scale Model
Lxxx or Rxxxx
-
-
Example (Linear Encoder): M1000-M05-L55-C1
Example (Rotary Encoder): M1000-M10-R1910-HA
* 3 clamps for linear scales up to 130mm
** 10 clamps for linear scales 155mm or longer
How to Order SmartPrecision Alignment
How to Order SmartPrecision Software
Example: Alignment Tool for Mercury 1000 encoder, 120 VAC = SSAT1000-120
SSAT1000
–
Voltage
120 = 120 VAC, 60Hz US Std. 2-prong plug
220 = 220 VAC, 50Hz European Std. 2-prong plug
SSWA-AT = SmartPrecision software on CD
Required for M1000 setup
Optional for SSAT1000 Alignment Tool
SmartPrecision Software
Key: inches[mm]
Model No.
Scale Outer
Scale Inner
Optical
Hub Inner
Hub
Fundamental
Diameter
Diameter
Diameter
Diameter
Thickness
CPR
+.0005/-0.0000
R1206
0.472 [12.00]
0.250 [6.35]
0.413 [10.50]
0.1253 [3.18]
0.040 [1.02]
1650
R1910
0.750 [19.05]
0.375 [9.52]
0.627 [15.92]
0.1253 [3.183]
0.040 [1.02]
2500
R3213
1.250 [31.75]
0.500 [12.70]
1.027 [26.08]
0.2503 [6.358]
0.050 [1.27]
4096
R5725
2.250 [57.15]
1.000 [25.40]
2.053 [52.15]
0.5003 [12.708]
0.060 [1.52]
8192
R10851
4.250 [107.95]
2.000 [50.80]
4.106 [104.30]
1.0003 [25.408]
0.080 [2.03]
16384
HUB I.D.
OPTICAL DIAMETER
SCALE O.D.
HUB THICKNESS
SCALE
PATTERN
MOUNTING
HOLES
Specifications
Material
Soda lime glass
Typical CTE
8ppm/°C
Standard Rotary Scales
Custom scales available
Cable Length
M05 = 0.5 m
M10 = 1.0 m
M20 = 2.0 m
M1000
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com