Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8033 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM8033
Description  Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 16Page - Linear Technology LTM8033 Datasheet HTML 17Page - Linear Technology LTM8033 Datasheet HTML 18Page - Linear Technology LTM8033 Datasheet HTML 19Page - Linear Technology LTM8033 Datasheet HTML 20Page - Linear Technology LTM8033 Datasheet HTML 21Page - Linear Technology LTM8033 Datasheet HTML 22Page - Linear Technology LTM8033 Datasheet HTML 23Page - Linear Technology LTM8033 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM8033
21
8033f
TYPICAL APPLICATIONS
8033 TA07
VIN
FIN
RUN/SS
SHARE
VIN*
4.8V TO 36V
VOUT
2.5V
5.8A
VOUT
AUX
BIAS
PGOOD
RT
LTM8033
4.7μF
SYNC GND ADJ
10μF
137k
2.8V to 25V
113k
300μF
VIN
FIN
RUN/SS
SHARE
VOUT
AUX
BIAS
PGOOD
RT
LTM8033
SYNC GND ADJ
137k
4.7μF
OPTIONAL
SYNCHRONIZATION
CLOCK
* RUNNING VOLTAGE RANGE. PLEASE REFER TO THE APPLICATIONS
INFORMATION SECTION FOR START-UP DETAILS.
NOTE: SYNCHRONIZE THE TWO MODULES TO AVOID BEAT
FREQUENCIES, IF NECESSARY. OTHERWISE, TIE EACH SYNC TO GND.
10μF
Current Sharing Two LTM8033 Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com