Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTU32864EC/G Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSTU32864EC/G
Description  1.8 V configurable registered buffer for DDR2 RDIMM applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTU32864EC/G Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSTU32864EC/G Datasheet HTML 9Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 10Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 11Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 12Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 13Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 14Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 15Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 16Page - NXP Semiconductors SSTU32864EC/G Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
9397 750 14092
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 22 October 2004
13 of 21
Philips Semiconductors
SSTU32864
1.8 V configurable registered buffer for DDR2 RDIMM applications
VID = 600 mV
VREF =VDD/2
VIH =VREF + 250 mV (AC voltage levels) for differential inputs. VIH =VDD for LVCMOS inputs.
VIL =VREF − 250 mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS inputs.
Fig 9.
Voltage waveforms; set-up and hold times
tPLH and tPHL are the same as tPD.
Fig 10. Voltage waveforms; propagation delay times (clock to output)
tPLH and tPHL are the same as tPD.
VIH =VREF + 250 mV (AC voltage levels) for differential inputs. VIH =VDD for LVCMOS inputs.
VIL =VREF − 250 mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS inputs.
Fig 11. Voltage waveforms; propagation delay times (reset to output)
tsu
VIH
VIL
VID
th
CK
CK
input
VREF
VREF
VICR
002aaa374
VOH
VOL
output
tPLH
002aaa375
VTT
VICR
VICR
tPHL
CK
CK
Vi(p-p)
tPHL
002aaa376
LVCMOS
RESET
output
VTT
VDD/2
VIH
VIL
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com