Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE906 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE906 Datasheet HTML 9Page - Texas Instruments CDCE906 Datasheet HTML 10Page - Texas Instruments CDCE906 Datasheet HTML 11Page - Texas Instruments CDCE906 Datasheet HTML 12Page - Texas Instruments CDCE906 Datasheet HTML 13Page - Texas Instruments CDCE906 Datasheet HTML 14Page - Texas Instruments CDCE906 Datasheet HTML 15Page - Texas Instruments CDCE906 Datasheet HTML 16Page - Texas Instruments CDCE906 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
www.ti.com
Block Read Programming Sequence
P
S
P
SCLK
SDATA
A
Bit 7 (MSB)
Bit 6
Bit 0 (LSB)
th(SDATA)
tsu(SDATA)
tsu(START)
t(BUS)
th(START)
tr(SM)
tr(SM)
tf(SM)
tf(SM)
tW(SCLH)
tW(SCLL)
tsu(STOP)
VIH(SM)
VIL(SM)
VIH(SM)
VIL(SM)
SMBus Hardware Interface
9
10
SDATA
SCLK
SMB Host
CDCE906
CBUS
CBUS
RP
RP
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
1
7
1
1
8
1
1
7
1
1
S
Slave Address
Wr
A
CommandCode
A
Sr
Slave Address
Rd
A
8
1
8
1
8
1
1
Byte Count N
A
Data Byte 0
A
- - - - -
Data Byte N–1
A
P
Figure 10. Block Read Protocol
Figure 11. Timing Diagram Serial Control Interface
The following diagram shows how the CDCE906 clock synthesizer is connected to the SMBus. Note that the
current through the pullup resistors (Rp) must meet the SMBus specifications (min 100 µA, max 350 µA). If the
CDCE906 is not connected to the SMBus, then SDATA and SCLK inputs have to be connected with 10-k
Ω
pullup resistors to VCC to avoid floating input conditions.
Figure 12. SMBus Hardware Interface
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com