Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2320PCBA Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2320PCBA
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2320PCBA Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2320PCBA Datasheet HTML 2Page - RF Micro Devices RF2320PCBA Datasheet HTML 3Page - RF Micro Devices RF2320PCBA Datasheet HTML 4Page - RF Micro Devices RF2320PCBA Datasheet HTML 5Page - RF Micro Devices RF2320PCBA Datasheet HTML 6Page - RF Micro Devices RF2320PCBA Datasheet HTML 7Page - RF Micro Devices RF2320PCBA Datasheet HTML 8Page - RF Micro Devices RF2320PCBA Datasheet HTML 9Page - RF Micro Devices RF2320PCBA Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary
3-35
RF2320
Rev A8 010417
3
10.0
5.0
3.
0
4.0
-0.2
-0
.4
50 Ohm, 8V - Return Loss
Swp Max
3000MHz
Swp Min
0.03MHz
S[2,2]
S[1,1]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com