Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM000DLXC Datasheet(PDF) 2 Page - Tyco Electronics

Part # PM000DLXC
Description  Corcom High Performance P Series Power Entry Module with Vertical Mounting Option
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PM000DLXC Datasheet(HTML) 2 Page - Tyco Electronics

  PM000DLXC Datasheet HTML 1Page - Tyco Electronics PM000DLXC Datasheet HTML 2Page - Tyco Electronics PM000DLXC Datasheet HTML 3Page - Tyco Electronics PM000DLXC Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Max. leakage current, line to ground:
Capacitor Identifier
@ 120/VAC 60 Hz
@ 250 VAC 50 Hz
L Models
2
µA
5
µA
Z Models
.25mA
.50mA
Rated currents: 6 & 10A
Rated voltage (max.): 250 VAC
Operating frequency: 50/60 Hz
ELECTRICAL
Key Features
Vertical Mounting Style
6 & 10 Amp Ratings
High Performance EMI/
RFI Filtering
Rated 250 VAC
UL Recognized, CSA
Certified, and VDE
Approved
Fits 1U High Enclosure
DESCRIPTION
Tyco Electronics | Corcom High
Performance P Series
Power Entry Module
with Vertical Mounting
Option
The P series power entry module offers a range of options in a
compact size. The vertical mounting style in the P series helps
reduce panel area requirements. This product line extension
adds a vertical mounting option to the high performance filter
types.
Corcom High
Performance P Series
Power Entry Module
with Vertical Mounting
Option
MINIMUM INSERTION LOSS IN dB:
Healthcare equipment
High performance motor controller
Linear and switch mode power supplies
Test equipment
Laboratory equipment
APPLICATIONS
Line to ground in 50 ohm circuit
Frequency - MHz
Current Rating
.01
.05
.1
.15
.5
1
5
10
30
Z Models
6A
8
21
27
30
37
43
49
52
42
10A
5
17
22
24
27
32
52
47
40
L Models
6A
8
21
27
29
34
35
25
21
16
10A
5
17
22
23
24
25
21
18
14
Line to line in 50 ohm circuit
Frequency - MHz
Current Rating
.01
.05
.1
.15
.5
1
5
10
30
Z Models
6A
10
15
34
44
75
75
75
70
60
10A
10
20
20
35
67
75
75
70
60
L Models
6A
10
15
34
44
75
75
75
70
60
10A
10
20
20
35
67
75
75
70
60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com