Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2326 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2326
Description  3V GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2326 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2326 Datasheet HTML 1Page - RF Micro Devices RF2326 Datasheet HTML 2Page - RF Micro Devices RF2326 Datasheet HTML 3Page - RF Micro Devices RF2326 Datasheet HTML 4Page - RF Micro Devices RF2326 Datasheet HTML 5Page - RF Micro Devices RF2326 Datasheet HTML 6Page - RF Micro Devices RF2326 Datasheet HTML 7Page - RF Micro Devices RF2326 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
4-130
RF2326
Rev A4 010720
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
4.0
V
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=27 °C, VCC=3.0V
Frequency Range
DC to >2000
MHz
100MHz Performance
T=27 °C, VCC=3.0V
Gain
12
dB
Noise Figure
5.9
dB
Output IP3
19
dBm
Output P1dB
7dBm
Input Return Loss
13
dB
Output Return Loss
13
dB
Isolation
18
dB
500MHz Performance
T=27 °C, VCC=3.0V
Gain
13
dB
Noise Figure
5.9
dB
Output IP3
19
dBm
Output P1dB
8dBm
Input Return Loss
15
dB
Output Return Loss
27
dB
Isolation
17
dB
900MHz Performance
T=27 °C, VCC=3.0V
Gain
10.6
12
13.5
dB
Noise Figure
5.7
dB
Output IP3
18
dBm
Output P1dB
7dBm
Input Return Loss
12
dB
Output Return Loss
21
dB
Isolation
18
dB
1000 MHz Performance
T=27 °C, VCC=3.0V
Gain
12
dB
Noise Figure
5.8
dB
Output IP3
17
dBm
Output P1dB
6dBm
Input Return Loss
11
dB
Output Return Loss
20
dB
Isolation
18
dB
2000 MHz Performance
T=27 °C, VCC=3.0V
Gain
10
dB
Noise Figure
5.8
dB
Output IP3
13
dBm
Output P1dB
4dBm
Input Return Loss
9
dB
Output Return Loss
16
dB
Isolation
18
dB
Power Supply
Operating Voltage
3.0±10%
V
Operating Current
24.6
25
28.7
mA
VCC=3.0V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com