Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2326PCBA Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2326PCBA
Description  3V GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2326PCBA Datasheet(HTML) 7 Page - RF Micro Devices

  RF2326PCBA Datasheet HTML 1Page - RF Micro Devices RF2326PCBA Datasheet HTML 2Page - RF Micro Devices RF2326PCBA Datasheet HTML 3Page - RF Micro Devices RF2326PCBA Datasheet HTML 4Page - RF Micro Devices RF2326PCBA Datasheet HTML 5Page - RF Micro Devices RF2326PCBA Datasheet HTML 6Page - RF Micro Devices RF2326PCBA Datasheet HTML 7Page - RF Micro Devices RF2326PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
4-135
RF2326
Rev A4 010720
4
0.1
1.1
2.1
3.1
Frequency (GHz)
RF2326 S21, Vcc= 3.3 V
0
2
4
6
8
10
12
14
16
Temp = 25°C
Temp = 80°C
Temp = -40°C
0.1
1.1
2.1
3.1
Frequency (GHz)
RF2326 S12, Vcc = 3.3 V
-19
-18
-17
-16
-15
Temp = 25°C
Temp = 80°C
Temp = -40°C
0.1
1.1
2.1
3.1
Frequency (GHz)
RF2326 Input VSWR, Vcc = 3.3 V
1
1.5
2
2.5
3
Temp = 80°C
Temp = -40°C
Temp = 25°C
0.1
1.1
2.1
3.1
Frequency (GHz)
RF2326 Output VSWR, Vcc = 3.3 V
0
1
2
3
4
Temp = 25°C
Temp = 80°C
Temp = -40°C
10.0
5.0
3.
0
4.0
-0.2
-0
.4
RF2326 S11, Vcc = 3.3 V, Temp = 25°C
Swp Max
3.1GHz
Swp Min
0.1GHz
10.0
5.0
3.
0
4.0
-0.2
-0
.4
RF2326 S22, Vcc = 3.3 V, Temp= 25°C
Swp Max
3.1GHz
Swp Min
0.1GHz
3.1GHz
100MHz
3.1GHz
100MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com