Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2333 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2333
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2333 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2333 Datasheet HTML 1Page - RF Micro Devices RF2333 Datasheet HTML 2Page - RF Micro Devices RF2333 Datasheet HTML 3Page - RF Micro Devices RF2333 Datasheet HTML 4Page - RF Micro Devices RF2333 Datasheet HTML 5Page - RF Micro Devices RF2333 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-138
RF2333
Rev A5 010228
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Current
120
mA
Input RF Power
+20
dBm
Operating Ambient Temperature
-40 to +65
°C
Storage Temperature
-60 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VD=5.5V, ICC=70mA
Frequency Range
DC to 6000
MHz
3dB Bandwidth
6
GHz
Gain
11.2
dB
Freq= 100MHz
11
dB
Freq= 1000MHz
10.4
dB
Freq=2000MHz
10.2
dB
Freq= 3000MHz
10
Freq= 4000MHz
9.2
Freq= 5000MHz
8.3
Freq= 6000MHz
Gain Flatness
±0.4
dB
100MHz to 2000MHz
Noise Figure
8.2
dB
Freq= 2000MHz
Input VSWR
1.7:1
In a 50
Ω system, DC to 4000MHz
Output VSWR
1.7:1
In a 50
Ω system, DC to 4000MHz
Output IP3
+34.5
dBm
Freq=1000MHz±50kHz, PTONE=-10dBm
Output P1dB
+18.5
dBm
Freq=1000MHz
Reverse Isolation
17
dB
Freq=2000MHz
Power Supply
With 22
Ω bias resistor
Device Operating Voltage
5.0
5.5
6.0
V
At pin 5 with ICC=70mA
Operating Current
70
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com