Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2334 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2334
Description  GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2334 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2334 Datasheet HTML 1Page - RF Micro Devices RF2334 Datasheet HTML 2Page - RF Micro Devices RF2334 Datasheet HTML 3Page - RF Micro Devices RF2334 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-144
RF2334
Rev A4 001201
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Current
120
mA
Input RF Power
+13
dBm
Operating Ambient Temperature
-40 to +75
°C
Storage Temperature
-60 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, ICC=65mA
Frequency Range
DC to 4000
MHz
3dB Bandwidth
2.5
GHz
Gain
19.4
dB
Freq=100MHz
18
dB
Freq=1000MHz
16
dB
Freq=2000MHz
14
dB
Freq=3000MHz
13
Freq=4000MHz
Gain Flatness
±2
dB
100MHz to 2000MHz
Noise Figure
4.8
dB
Freq=2000MHz
Input VSWR
2.1:1
In a 50
Ω system, DC to 4000MHz
Output VSWR
1.8:1
In a 50
Ω system, DC to 4000MHz
Output IP3
+33
dBm
Freq=1000MHz±50kHz, PTONE=-10dBm
Output P1dB
+18.5
dBm
Freq=1000MHz
Reverse Isolation
20.5
dB
Freq=2000MHz
Power Supply
With 22
Ω bias resistor
Device Operating Voltage
4.8
V
At pin 5 with ICC=65mA
Operating Current
65
mA
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com